Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1133 Fiches technique(PDF) 3 Page - Renesas Technology Corp

No de pièce 2SD1133
Description  Silicon NPN Triple Diffused
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1133 Fiches technique(HTML) 3 Page - Renesas Technology Corp

  2SD1133 Datasheet HTML 1Page - Renesas Technology Corp 2SD1133 Datasheet HTML 2Page - Renesas Technology Corp 2SD1133 Datasheet HTML 3Page - Renesas Technology Corp 2SD1133 Datasheet HTML 4Page - Renesas Technology Corp 2SD1133 Datasheet HTML 5Page - Renesas Technology Corp 2SD1133 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SD1133, 2SD1134
Silicon NPN Triple Diffused
ADE-208-905 (Z)
1st. Edition
September 2000
Application
Low frequency power amplifier complementary pair with 2SB857 and 2SB858
Outline
1. Base
2. Collector
(Flange)
3. Emitter
TO-220AB
1
2
3
Absolute Maximum Ratings (Ta = 25°C)
Ratings
Item
Symbol
2SD1133
2SD1134
Unit
Collector to base voltage
V
CBO
70
70
V
Collector to emitter voltage
V
CEO
50
60
V
Emitter to base voltage
V
EBO
55V
Collector current
I
C
44A
Collector peak current
I
C(peak)
88A
Collector power dissipation
P
C*
1
40
40
W
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
–45 to +150
–45 to +150
°C
Note:
1. Value at T
C = 25°C.


Numéro de pièce similaire - 2SD1133

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SD1133 HITACHI-2SD1133 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
logo
Inchange Semiconductor ...
2SD1133 ISC-2SD1133 Datasheet
111Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SD1133 SAVANTIC-2SD1133 Datasheet
126Kb / 4P
   Silicon NPN Power Transistors
2SD1133 SAVANTIC-2SD1133 Datasheet
127Kb / 4P
   Silicon NPN Power Transistors
More results

Description similaire - 2SD1133

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
2SD2300 HITACHI-2SD2300 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SD2107 HITACHI-2SD2107 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
2SC1881 HITACHI-2SC1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SC2611 HITACHI-2SC2611 Datasheet
30Kb / 6P
   Silicon NPN Triple Diffused
2SC4499 HITACHI-2SC4499 Datasheet
39Kb / 8P
   Silicon NPN Triple Diffused
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
   Silicon NPN Triple Diffused
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
   Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com