Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1084 Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce 2SA1084
Description  Silicon PNP Epitaxial
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1084 Fiches technique(HTML) 5 Page - Renesas Technology Corp

  2SA1084 Datasheet HTML 1Page - Renesas Technology Corp 2SA1084 Datasheet HTML 2Page - Renesas Technology Corp 2SA1084 Datasheet HTML 3Page - Renesas Technology Corp 2SA1084 Datasheet HTML 4Page - Renesas Technology Corp 2SA1084 Datasheet HTML 5Page - Renesas Technology Corp 2SA1084 Datasheet HTML 6Page - Renesas Technology Corp 2SA1084 Datasheet HTML 7Page - Renesas Technology Corp 2SA1084 Datasheet HTML 8Page - Renesas Technology Corp 2SA1084 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2SA1083, 2SA1084, 2SA1085
3
Electrical Characteristics (Ta = 25
°C)
2SA1083
2SA1084
2SA1085
Item
Symbol Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to base
breakdown voltage
V
(BR)CBO
–60
–90
–120 —
V
I
C = –10 µA, IE = 0
Collector to emitter
breakdown voltage
V
(BR)CEO
–60
–90
–120 —
V
I
C = –1 mA,
R
BE = ∞
Emitter to base
breakdown voltage
V
(BR)EBO
–5
–5
–5
V
I
E = –10 µA, IC = 0
Collector cutoff current
I
CBO
–0.1
–0.1
–0.1
µAV
CB = –50 V, IE = 0
Emitter cutoff current
I
EBO
–0.1
–0.1
–0.1
µAV
EB = –2 V, IC = 0
DC current transfer ratio h
FE*
1
250
800
250
800
250
800
V
CE = –12 V,
I
C = –2 mA
Collector to emitter
saturation voltage
V
CE(sat)
–0.2
–0.2
–0.2
V
I
C = –10 mA,
I
B = –1 mA
Base to emitter voltage
V
BE
–0.6
–0.6 —
–0.6 —
V
V
CE = –12 V,
I
C = –2 mA
Gain bandwidth product f
T
—90
—90
—90
MHz V
CE = –12 V,
I
C = –2 mA
Collector output
capacitance
Cob
3.5
3.5
3.5
pF
V
CB = –10 V, IE = 0,
f = 1 MHz
Noise voltage reffered
to input
e
n
0.5
0.5
0.5
nV/
√Hz
V
CE = –6V,
I
C = –10 mA,
f = 1 kHz,
R
g = 0, ∆f = 1Hz
Note:
1. The 2SA1083, 2SA1084 and 2SA1085 are grouped by h
FE as follows.
DE
250 to 500
400 to 800


Numéro de pièce similaire - 2SA1084

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SA1084 HITACHI-2SA1084 Datasheet
41Kb / 8P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA1084 RENESAS-2SA1084 Datasheet
175Kb / 6P
   Silicon PNP Epitaxial
logo
SeCoS Halbleitertechnol...
2SA1084 SECOS-2SA1084 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
logo
Jiangsu Changjiang Elec...
2SA1084 JIANGSU-2SA1084 Datasheet
410Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SA1084 DGNJDZ-2SA1084 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results

Description similaire - 2SA1084

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com