Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RKS1510DKK Fiches technique(PDF) 3 Page - Renesas Technology Corp

No de pièce RKS1510DKK
Description  Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKS1510DKK Fiches technique(HTML) 3 Page - Renesas Technology Corp

  RKS1510DKK Datasheet HTML 1Page - Renesas Technology Corp RKS1510DKK Datasheet HTML 2Page - Renesas Technology Corp RKS1510DKK Datasheet HTML 3Page - Renesas Technology Corp RKS1510DKK Datasheet HTML 4Page - Renesas Technology Corp RKS1510DKK Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RKS1510DKK
Rev.1.00 Feb 23, 2005 page 3 of 4
Main Characteristic
0
0.2
0.4
0.6
0.8
1.0
0
102030
40
50
0.1
1.0
10
10
–2
10
–3
10
–4
10
–5
10
–8
10
–9
10
–6
10
–7
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Fig.4 Forward resistance vs. Forward current
Forward current IF (mA)
10
–7
10
–8
10
–9
10
–10
10
–13
10
–14
10
–11
10
–12
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
Forward voltage VF (V)
Fig.1 Forward current vs. Forward voltage
0.1
1.0
10
0.1
10
1.0
f = 100MHz
0.1
10
100
1.0
f = 1MHz


Numéro de pièce similaire - RKS1510DKK

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
RKS1510DKJ RENESAS-RKS1510DKJ Datasheet
246Kb / 5P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
More results

Description similaire - RKS1510DKK

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
RKS152KK RENESAS-RKS152KK Datasheet
182Kb / 7P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
RKS152KJ RENESAS-RKS152KJ Datasheet
180Kb / 7P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
HSC277 RENESAS-HSC277 Datasheet
75Kb / 5P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
logo
Hitachi Semiconductor
HSC277 HITACHI-HSC277 Datasheet
26Kb / 6P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
logo
Renesas Technology Corp
RKS1500DKK RENESAS-RKS1500DKK Datasheet
80Kb / 5P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
logo
Hitachi Semiconductor
HSU277 HITACHI-HSU277 Datasheet
27Kb / 5P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
logo
Renesas Technology Corp
RKS151KJ RENESAS-RKS151KJ Datasheet
53Kb / 5P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
RKS151KK RENESAS-RKS151KK Datasheet
53Kb / 5P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
RKS1510DKJ RENESAS-RKS1510DKJ Datasheet
246Kb / 5P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
logo
Hitachi Semiconductor
1SS277 HITACHI-1SS277 Datasheet
23Kb / 5P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com