Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ247-E Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce 2SJ247-E
Description  Silicon P Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ247-E Fiches technique(HTML) 4 Page - Renesas Technology Corp

  2SJ247-E Datasheet HTML 1Page - Renesas Technology Corp 2SJ247-E Datasheet HTML 2Page - Renesas Technology Corp 2SJ247-E Datasheet HTML 3Page - Renesas Technology Corp 2SJ247-E Datasheet HTML 4Page - Renesas Technology Corp 2SJ247-E Datasheet HTML 5Page - Renesas Technology Corp 2SJ247-E Datasheet HTML 6Page - Renesas Technology Corp 2SJ247-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SJ247
Rev.2.00 Sep 07, 2005 page 4 of 6
1.0
–40
0
40
80
120
160
Case Temperature
Tc (°C)
0
0.2
0.4
0.6
0.8
Static Drain to Source on State Resistance
vs. Temperature
Pulse Test
VGS = –10 V
VGS = –4 V
ID = –10 A
–10 A
–5 A
–2 A
–2 A, –5 A
Forward Transfer Admittance vs.
Drain Current
Drain Current ID (A)
50
20
5
10
2
0.5
1
–0.1 –0.2
–0.5
–2
–1
–5
–10
Tc = –25°C
75°C
VDS = –10 V
Pulse Test
25°C
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
–0.2
–0.5
–1
–2
–5
–10 –20
500
200
100
20
50
10
5
di / dt = 50 A /
µs
VGS = 0
0
–10
–20
–30
–40
–50
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
10000
3000
1000
300
100
30
10
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
0
0
Gate Charge
Qg (nc)
0
–20
–16
–12
–8
–4
–100
–80
–60
–40
–20
Dynamic Input Characteristics
10
20
30
40
50
VDS
VGS
ID = –8 A
500
200
100
20
50
10
5
–0.2
–0.5
–1
–2
–5
–10
–0.1
tf
tr
td(off)
td(on)
Drain Current
ID (A)
Switching Characteristics
VDD = –10 V
–25 V
–50 V
VDD = –50 V
–25 V
–10 V
VGS = –10 V, VDD = –30 V
PW = 2
µs, duty ≤ 1 %


Numéro de pièce similaire - 2SJ247-E

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SJ247 HITACHI-2SJ247 Datasheet
47Kb / 8P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ247 RENESAS-2SJ247_15 Datasheet
101Kb / 9P
   Silicon P Channel MOS FET
More results

Description similaire - 2SJ247-E

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com