Moteur de recherche de fiches techniques de composants électroniques |
|
STB150NF55T4 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
STB150NF55T4 Fiches technique(HTML) 5 Page - STMicroelectronics |
5 / 19 page STB150NF55 - STP150NF55 - STW150NF55 Electrical characteristics 5/19 Table 5. Source drain diode Symbol Parameter Test conditions Min. Typ. Max. Unit ISD ISDM (1) 1. Pulse width limited by safe operating area. Source-drain current Source-drain current (pulsed) 120 480 A A VSD (2) 2. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 % Forward on voltage ISD = 120A, VGS = 0 1.5 V trr Qrr IRRM Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 120A, di/dt = 100A/µs, VDD = 25V, Tj = 150°C (see Figure 21) 130 350 7.5 ns nC A |
Numéro de pièce similaire - STB150NF55T4 |
|
Description similaire - STB150NF55T4 |