Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1368CBTL-E Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce 2SD1368CBTL-E
Description  Silicon NPN Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1368CBTL-E Fiches technique(HTML) 5 Page - Renesas Technology Corp

  2SD1368CBTL-E Datasheet HTML 1Page - Renesas Technology Corp 2SD1368CBTL-E Datasheet HTML 2Page - Renesas Technology Corp 2SD1368CBTL-E Datasheet HTML 3Page - Renesas Technology Corp 2SD1368CBTL-E Datasheet HTML 4Page - Renesas Technology Corp 2SD1368CBTL-E Datasheet HTML 5Page - Renesas Technology Corp 2SD1368CBTL-E Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SD1368
Rev.2.00 Aug 10, 2005 page 5 of 5
Package Dimensions
4.5 ± 0.1
1.8 Max
1.5 ± 0.1
0.44 Max
0.44 Max
0.48 Max
0.53 Max
1.5 1.5
3.0
φ 1
(1.5)
Package Name
PLZZ0004CA-A
UPAK / UPAKV
MASS[Typ.]
0.050g
SC-62
RENESAS Code
JEITA Package Code
Unit: mm
Ordering Information
Part Name
Quantity
Shipping Container
2SD1368CBTL-E
2SD1368CCTL-E
1000
φ 178 mm Reel, 12 mm Emboss Taping
Note: For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.


Numéro de pièce similaire - 2SD1368CBTL-E

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SD1368 HITACHI-2SD1368 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
logo
Guangdong Kexin Industr...
2SD1368 KEXIN-2SD1368 Datasheet
51Kb / 1P
   Silicon NPN Epitaxial
2SD1368-A KEXIN-2SD1368-A Datasheet
421Kb / 2P
   NPN Transistors
2SD1368-A-HF KEXIN-2SD1368-A-HF Datasheet
738Kb / 2P
   NPN Transistors
2SD1368-B KEXIN-2SD1368-B Datasheet
421Kb / 2P
   NPN Transistors
More results

Description similaire - 2SD1368CBTL-E

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com