Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3378ENTL-E Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce 2SK3378ENTL-E
Description  Silicon N Channel MOS FET High Speed Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3378ENTL-E Fiches technique(HTML) 4 Page - Renesas Technology Corp

  2SK3378ENTL-E Datasheet HTML 1Page - Renesas Technology Corp 2SK3378ENTL-E Datasheet HTML 2Page - Renesas Technology Corp 2SK3378ENTL-E Datasheet HTML 3Page - Renesas Technology Corp 2SK3378ENTL-E Datasheet HTML 4Page - Renesas Technology Corp 2SK3378ENTL-E Datasheet HTML 5Page - Renesas Technology Corp 2SK3378ENTL-E Datasheet HTML 6Page - Renesas Technology Corp 2SK3378ENTL-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK3378
REJ03G1599-0200 Rev.2.00 Oct 23, 2007
Page 4 of 6
10
8
6
4
2
–40
0
40
80
120
160
0
Pulse Test
ID = 100 m A
VGS = 4 V
10 V
Case Temperature TC (°C)
Static Drain to Source on State
Resistance vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance
vs. Drain Current
10 mA
10 mA,50 mA,100 m A
50 mA
0.01
0.02
0.05
0.1
0.5
0.2
0.1
0.02
0.05
0.01
0.005
VDS = 10 V
Pulse Test
Tc = –25
°C
25
°C
75
°C
0.5
0.4
0.3
0.2
0.1
0
0.4
0.8
1.2
1.6
2.0
VGS = 0, –5V
5 V
Pulse Test
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Drain Current ID (A)
Switching Characteristics
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
10 V
010
20
30
40
50
10
1.0
0.1
0.2
0.5
2
5
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
10000
1000
100
10
0.01
0.1
0.05
0.02
VGS = 10 V, VDD = 10 V
PW = 5
µs, duty ≤ 1 %
td(on)
tr
td(off)
tf
20
50
200
500
2000
5000


Numéro de pièce similaire - 2SK3378ENTL-E

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SK3378 HITACHI-2SK3378 Datasheet
27Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
More results

Description similaire - 2SK3378ENTL-E

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SK3288 HITACHI-2SK3288 Datasheet
39Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
2SK3380 HITACHI-2SK3380 Datasheet
26Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
logo
Sanyo Semicon Device
FW306 SANYO-FW306 Datasheet
17Kb / 2P
   N- Channel Silicon MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3287 RENESAS-2SK3287 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
logo
Hitachi Semiconductor
2SK3289 HITACHI-2SK3289 Datasheet
27Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 HITACHI-2SK3348 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3289 RENESAS-2SK3289 Datasheet
44Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 RENESAS-2SK3348 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
2SK3349 RENESAS-2SK3349 Datasheet
97Kb / 12P
   Silicon N Channel MOS FET High Speed Switching
June 1999
logo
Hitachi Semiconductor
2SK3287 HITACHI-2SK3287 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com