Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC3127 Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce 2SC3127
Description  Silicon NPN Epitaxial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3127 Fiches technique(HTML) 4 Page - Renesas Technology Corp

  2SC3127 Datasheet HTML 1Page - Renesas Technology Corp 2SC3127 Datasheet HTML 2Page - Renesas Technology Corp 2SC3127 Datasheet HTML 3Page - Renesas Technology Corp 2SC3127 Datasheet HTML 4Page - Renesas Technology Corp 2SC3127 Datasheet HTML 5Page - Renesas Technology Corp 2SC3127 Datasheet HTML 6Page - Renesas Technology Corp 2SC3127 Datasheet HTML 7Page - Renesas Technology Corp 2SC3127 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC3127
Rev.3.00 Aug 10, 2005 page 4 of 7
Power Gain and Noise Figure vs.
Collector Current
Collector Current IC (mA)
2
4
6
8
10
12
0
10203040
50
VCE = 5 V
f = 900 MHz
PG
NF
Collector Current IC (mA)
20
30
40
50
60
70
010
20
30
40
50
2nd I.M. Distortion vs. Collector Current
VCC = 12 V
f1 = 210 MHz, f2 = 200 MHz
Vout = 100 dBµ
f2nd = 410 MHz
Collector Current IC (mA)
20
30
40
50
60
70
0
1020304050
2nd I.M. Distortion vs. Collector Current
VCC = 12 V
f1 = 600 MHz, f2 = 650 MHz
Vout = 100 dBµ
f2nd = 1,250 MHz
Collector Current IC (mA)
30
40
50
60
70
80
0
1020304050
3rd I.M. Distortion vs. Collector Current
VCC = 12 V
f1 = 210 MHz, f2 = 200 MHz
Vout = 100 dBµ
f3rd = 190 MHz, 220 MHz
f = 190 MHz
f = 220 MHz
Collector Current IC (mA)
20
30
40
50
60
70
0
1020304050
3rd I.M. Distortion vs. Collector Current
VCC = 12 V
f1 = 600 MHz, f2 = 650 MHz
Vout = 100 dBµ
f3rd = 550 MHz, 700 MHz
f = 550 MHz
f = 700 MHz


Numéro de pièce similaire - 2SC3127

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SC3127 HITACHI-2SC3127 Datasheet
45Kb / 10P
   Silicon NPN Epitaxial
logo
Inchange Semiconductor ...
2SC3127 ISC-2SC3127 Datasheet
177Kb / 6P
   isc Silicon NPN RF Transistor
More results

Description similaire - 2SC3127

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com