Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3135L-E Fiches technique(PDF) 1 Page - Renesas Technology Corp

No de pièce 2SK3135L-E
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3135L-E Fiches technique(HTML) 1 Page - Renesas Technology Corp

  2SK3135L-E Datasheet HTML 1Page - Renesas Technology Corp 2SK3135L-E Datasheet HTML 2Page - Renesas Technology Corp 2SK3135L-E Datasheet HTML 3Page - Renesas Technology Corp 2SK3135L-E Datasheet HTML 4Page - Renesas Technology Corp 2SK3135L-E Datasheet HTML 5Page - Renesas Technology Corp 2SK3135L-E Datasheet HTML 6Page - Renesas Technology Corp 2SK3135L-E Datasheet HTML 7Page - Renesas Technology Corp 2SK3135L-E Datasheet HTML 8Page - Renesas Technology Corp 2SK3135L-E Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.4.00 Sep 07, 2005 page 1 of 8
2SK3135(L), 2SK3135(S)
Silicon N Channel MOS FET
High Speed Power Switching
REJ03G1067-0400
(Previous: ADE-208-695B)
Rev.4.00
Sep 07, 2005
Features
• Low on-resistance
RDS(on) = 6 m
Ω typ.
• Low drive current
• 4 V gate drive device can be driven from 5 V source
Outline
RENESAS Package code: PRSS0004AE-A
(Package name: LDPAK(L))
1. Gate
2. Drain
3. Source
4. Drain
RENESAS Package code: PRSS0004AE-B
(Package name: LDPAK(S)-(1))
G
D
S
1
2
3
4
1
2
3
4


Numéro de pièce similaire - 2SK3135L-E

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SK3135L HITACHI-2SK3135L Datasheet
53Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3135L ISC-2SK3135L Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - 2SK3135L-E

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com