Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2596 Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce 2SK2596
Description  Silicon N-Channel MOS FET UHF Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2596 Fiches technique(HTML) 4 Page - Renesas Technology Corp

  2SK2596_07 Datasheet HTML 1Page - Renesas Technology Corp 2SK2596_07 Datasheet HTML 2Page - Renesas Technology Corp 2SK2596_07 Datasheet HTML 3Page - Renesas Technology Corp 2SK2596_07 Datasheet HTML 4Page - Renesas Technology Corp 2SK2596_07 Datasheet HTML 5Page - Renesas Technology Corp 2SK2596_07 Datasheet HTML 6Page - Renesas Technology Corp 2SK2596_07 Datasheet HTML 7Page - Renesas Technology Corp 2SK2596_07 Datasheet HTML 8Page - Renesas Technology Corp 2SK2596_07 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SK2596
REJ03G0207-0400 Rev.4.00 Nov 08, 2007
Page 4 of 9
Scale: 3 / div.
S11 Parameter vs. Frequency
S21 Parameter vs. Frequency
Test condition: VDS = 12 V, IDQ = 50 mA, ZO = 50 Ω
100 to 2500 MHz (50 MHz step)
Scale: 0.01 / div.
S12 Parameter vs. Frequency
S22 Parameter vs. Frequency
Test condition: VDS = 12 V, IDQ = 50 mA, ZO = 50 Ω
100 to 2500 MHz (50 MHz step)
Test condition: VDS = 12 V, IDQ = 50 mA, ZO = 50 Ω
100 to 2500 MHz (50 MHz step)
Test condition: VDS = 12 V, IDQ = 50 mA, ZO = 50 Ω
100 to 2500 MHz (50 MHz step)
30°
60°
90°
120°
150°
180°
-150°
-90°
-60°
-30°
-120°
30°
60°
90°
120°
150°
180°
-150°
-90°
-60°
-30°
-120°
10
5
4
3
2
1.5
1
.8
-2
-3
-4
-5
-10
.6
.4
.2
0
-.2
-.4
-.6
-.8
-1
-1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
10
5
4
3
2
1.5
1
.8
-2
-3
-4
-5
-10
.6
.4
.2
0
-.2
-.4
-.6
-.8
-1
-1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10


Numéro de pièce similaire - 2SK2596_07

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SK2596BX RENESAS-2SK2596BX Datasheet
61Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
More results

Description similaire - 2SK2596_07

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596 Datasheet
61Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK3390 RENESAS-2SK3390 Datasheet
180Kb / 12P
   Silicon N-Channel MOS FET UHF Power Amplifier
Nov 08, 2007
logo
Hitachi Semiconductor
2SK3175A HITACHI-2SK3175A Datasheet
79Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391_07 Datasheet
150Kb / 10P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK2922 HITACHI-2SK2922 Datasheet
36Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
2SK2795 HITACHI-2SK2795 Datasheet
40Kb / 6P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2595 RENESAS-2SK2595 Datasheet
115Kb / 14P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK3174A HITACHI-2SK3174A Datasheet
81Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391 Datasheet
62Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
Rev.2.00, Apr.14.2004,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com