Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK1971-E Fiches technique(PDF) 3 Page - Renesas Technology Corp

No de pièce 2SK1971-E
Description  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1971-E Fiches technique(HTML) 3 Page - Renesas Technology Corp

  2SK1971-E Datasheet HTML 1Page - Renesas Technology Corp 2SK1971-E Datasheet HTML 2Page - Renesas Technology Corp 2SK1971-E Datasheet HTML 3Page - Renesas Technology Corp 2SK1971-E Datasheet HTML 4Page - Renesas Technology Corp 2SK1971-E Datasheet HTML 5Page - Renesas Technology Corp 2SK1971-E Datasheet HTML 6Page - Renesas Technology Corp 2SK1971-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK1971
Rev.2.00 Sep 07, 2005 page 3 of 6
Main Characteristics
Case Temperature TC (°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
Drain Current ID (A)
Static Drain to Source on State
Resistance vs. Drain Current
300
0
100
50
150
200
100
1000
30
3
0.1
130
100
300
0.3
3
10
300 1000
10
s
µ
1 ms
DC
Operatio
n (Tc
=
25
°C)
100
s
µ
PW
=
10
ms
(1
Shot)
Operation in this area is
limited by R
(on)
DS
1
10
100
Ta = 25
°C
50
40
30
20
10
0
10
2030
4050
10 V
Pulse Test
6 V
4.5 V
V
= 4 V
GS
5.5 V
5 V
50
40
30
20
10
02
4
6
8
10
Pulse Test
Tc = 25
°C
–25
°C
75
°C
V
= 20 V
DS
20
16
12
8
4
04
8
12
16
Pulse Test
20 A
I = 10 A
D
20
50 A
0.1
5
0.2
0.5
1
2
5
210
20
50
0.05
100 200
V
= 10 V
GS
Pulse Test


Numéro de pièce similaire - 2SK1971-E

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SK1971 HITACHI-2SK1971 Datasheet
49Kb / 10P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1971 ISC-2SK1971 Datasheet
67Kb / 2P
   Fast Switching Speed
More results

Description similaire - 2SK1971-E

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com