Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK1808 Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce 2SK1808
Description  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1808 Fiches technique(HTML) 4 Page - Renesas Technology Corp

  2SK1808 Datasheet HTML 1Page - Renesas Technology Corp 2SK1808 Datasheet HTML 2Page - Renesas Technology Corp 2SK1808 Datasheet HTML 3Page - Renesas Technology Corp 2SK1808 Datasheet HTML 4Page - Renesas Technology Corp 2SK1808 Datasheet HTML 5Page - Renesas Technology Corp 2SK1808 Datasheet HTML 6Page - Renesas Technology Corp 2SK1808 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK1808
Rev.2.00 Sep 07, 2005 page 4 of 6
10
40
160
Case Temperature TC (°C)
8
2
080
120
0
4
6
Static Drain to Source on State
Resistance vs. Temperature
ID = 5 A
VGS = 10 V
Pulse Test
1 A
–40
2 A
10
0.2
5
Drain Current ID (A)
5
0.5
0.1
0.5
2
0.1
1
2
Forward Transfer Admittance
vs. Drain Current
Tc = 25
°C
VDS = 20 V
Pulse Test
0.05
0.2
1
–25
°C
75
°C
5,000
0.5
10
Reverse Drain Current IDR (A)
2,000
200
0.2
1
5
50
500
1,000
Body to Drain Diode Reverse
Recovery Time
di/dt = 100 A/
µs, Ta = 25°C
VGS = 0
Pulse Test
0.1
100
2
10,000
20
50
Drain to Source Voltage VDS (V)
1,000
100
10
30
40
10
Typical Capacitance vs.
Drain to Source Voltage
0
Crss
Coss
Ciss
VGS = 0
f = 1 MHz
1,000
40
100
Gate Charge Qg (nc)
Dynamic Input Characteristics
800
200
20
60
80
0
400
600
VDS
400 V
16
4
0
8
12
VDD = 250 V
400 V
600 V
ID = 5 A
600 V
VDD = 250 V
VGS
20
500
0.5
10
Drain Current ID (A)
200
20
0.2
1
5
5
50
100
0.1
10
2
Switching Characteristics
tf
td (on)
tr
VGS = 10 V VDD = 30 V
PW = 2
µs, duty < 1%
td (off)


Numéro de pièce similaire - 2SK1808

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SK1808 HITACHI-2SK1808 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1808 ISC-2SK1808 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - 2SK1808

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com