Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK1317 Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce 2SK1317
Description  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1317 Fiches technique(HTML) 5 Page - Renesas Technology Corp

  2SK1317 Datasheet HTML 1Page - Renesas Technology Corp 2SK1317 Datasheet HTML 2Page - Renesas Technology Corp 2SK1317 Datasheet HTML 3Page - Renesas Technology Corp 2SK1317 Datasheet HTML 4Page - Renesas Technology Corp 2SK1317 Datasheet HTML 5Page - Renesas Technology Corp 2SK1317 Datasheet HTML 6Page - Renesas Technology Corp 2SK1317 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SK1317
Rev.2.00 Sep 07, 2005 page 5 of 6
5
0.8
2.0
Source to Drain Voltage VSD (V)
1
0.4
1.2
1.6
Reverse Drain Current vs.
Source to Drain Voltage
0
0
VGS = 0, –5 V
10 V, 15 V
Pulse Test
3
4
2
3
Pulse Width PW (S)
1.0
0.1
0.3
D = 1
10
µ
0.03
0.01
100
µ
10 m
100 m
1
10
1 m
TC = 25°C
0.5
0.2
0.1
0.05
0.02
0.01
1 Sh
ot Pulse
Normalized Transient Thermal Impedance vs. Pulse Width
T
PW
PDM
D =
T
PW
θch–c (t) = γ
S (t) • θch–c
θch–c = 1.25°C/W, T
C = 25°C
Switching Time Test Circuit
Vin Monitor
Vin
10 V
50
D.U.T
Vout Monitor
RL
Waveforms
Vin
Vout
td (on)
10%
t r
t f
10%
90%
10%
90%
td (off)
90%
VDD
= 30 V


Numéro de pièce similaire - 2SK1317

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SK1317 HITACHI-2SK1317 Datasheet
48Kb / 8P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1317 ISC-2SK1317 Datasheet
307Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - 2SK1317

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com