Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK213-E Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce 2SK213-E
Description  Silicon N Channel MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK213-E Fiches technique(HTML) 4 Page - Renesas Technology Corp

  2SK213-E Datasheet HTML 1Page - Renesas Technology Corp 2SK213-E Datasheet HTML 2Page - Renesas Technology Corp 2SK213-E Datasheet HTML 3Page - Renesas Technology Corp 2SK213-E Datasheet HTML 4Page - Renesas Technology Corp 2SK213-E Datasheet HTML 5Page - Renesas Technology Corp 2SK213-E Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK213, 2SK214, 2SK215, 2SK216
Rev.2.00 Sep 07, 2005 page 4 of 5
100
10 k
100 k
1.0
10
Forward Transfer Admittance
vs. Frequency
1 M
500
50 M
0.05
5 k
0.1
Frequency f (HZ)
10 M
TC = 25°C
VDS = 20 V
ID = 10 mA


Numéro de pièce similaire - 2SK213-E

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SK213 HITACHI-2SK213 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK2130 PANASONIC-2SK2130 Datasheet
44Kb / 3P
   Silicon N-Channel Power F-MOS FET
logo
Inchange Semiconductor ...
2SK2130 ISC-2SK2130 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
NEC
2SK2131 NEC-2SK2131 Datasheet
379Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE?
logo
Inchange Semiconductor ...
2SK2131 ISC-2SK2131 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - 2SK213-E

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com