Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1193K Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce 2SA1193K
Description  Silicon PNP Epitaxial, Darlington
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1193K Fiches technique(HTML) 4 Page - Renesas Technology Corp

  2SA1193K Datasheet HTML 1Page - Renesas Technology Corp 2SA1193K Datasheet HTML 2Page - Renesas Technology Corp 2SA1193K Datasheet HTML 3Page - Renesas Technology Corp 2SA1193K Datasheet HTML 4Page - Renesas Technology Corp 2SA1193K Datasheet HTML 5Page - Renesas Technology Corp 2SA1193K Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SA1193(K)
Rev.2.00 Aug 10, 2005 page 4 of 5
Switching Time Test Circuit
D.U.T.
50
0.002
µ 0.002 µ
50
µ 50 µ
+–
+ –
R1
R2
VRB
6V
VCC
VIN
VIN
IC
IB1
IB2
R3
tr, tf
10 ns
PW
10
µs
duty ratio
10 %
<
=
>
=
<
=
Response Waveform
10%
10%
90%
90%
10%
90%
Input
Output
0
–10 V
td
ton
toff
tstg


Numéro de pièce similaire - 2SA1193K

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SA1193K HITACHI-2SA1193K Datasheet
34Kb / 6P
   Silicon PNP Epitaxial, Darlington
logo
New Jersey Semi-Conduct...
2SA1193K NJSEMI-2SA1193K Datasheet
227Kb / 1P
   New Jersey Semi-Conductor Products,
More results

Description similaire - 2SA1193K

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SB1048 HITACHI-2SB1048 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial, Darlington
logo
Renesas Technology Corp
2SB1048 RENESAS-2SB1048 Datasheet
160Kb / 6P
   Silicon PNP Epitaxial, Darlington
logo
Hitachi Semiconductor
2SA1193 HITACHI-2SA1193 Datasheet
34Kb / 6P
   Silicon PNP Epitaxial, Darlington
logo
Toshiba Semiconductor
2SB1617 TOSHIBA-2SB1617_06 Datasheet
148Kb / 5P
   Silicon PNP Epitaxial Type (Darlington)
logo
Fairchild Semiconductor
TIP146TU FAIRCHILD-TIP146TU Datasheet
175Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP107TU FAIRCHILD-TIP107TU Datasheet
550Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
logo
Micro Commercial Compon...
TIP115 MCC-TIP115_11 Datasheet
378Kb / 2P
   PNP Epitaxial Silicon Darlington Transistors
logo
Fairchild Semiconductor
TIP147TU FAIRCHILD-TIP147TU Datasheet
175Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
logo
Toshiba Semiconductor
2SB1457 TOSHIBA-2SB1457_06 Datasheet
141Kb / 5P
   Silicon PNP Epitaxial Type (Darlington)
logo
Fairchild Semiconductor
TIP147TTU FAIRCHILD-TIP147TTU Datasheet
601Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com