Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4740A Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce 1N4740A
Description  Silicon Planar Zener Diodes for Stabilized Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1N4740A Fiches technique(HTML) 5 Page - Renesas Technology Corp

  1N4740A Datasheet HTML 1Page - Renesas Technology Corp 1N4740A Datasheet HTML 2Page - Renesas Technology Corp 1N4740A Datasheet HTML 3Page - Renesas Technology Corp 1N4740A Datasheet HTML 4Page - Renesas Technology Corp 1N4740A Datasheet HTML 5Page - Renesas Technology Corp 1N4740A Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1N4728A through 1N4753A
REJ03G1221-0500 Rev.5.00 Nov 13, 2007
Page 5 of 5
Package Dimensions
L
E
L
Min
Nom
Max
φb
-
0.8
φD
-3.0
E
--
5.2
L
26.0
-
-
-
-
Dimension in Millimeters
Reference
Symbol
0.38g
MASS[Typ.]
DO-41 / DO-41V
GRZZ0002ZA-A
RENESAS Code
JEITA Package Code
Previous Code
Package Name
DO-41


Numéro de pièce similaire - 1N4740A

FabricantNo de pièceFiches techniqueDescription
logo
Chongqing Pingwei Enter...
1N4740A CHONGQING-1N4740A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Microsemi Corporation
1N4740A MICROSEMI-1N4740A Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
NXP Semiconductors
1N4740A PHILIPS-1N4740A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Fairchild Semiconductor
1N4740A FAIRCHILD-1N4740A Datasheet
666Kb / 5P
   Zener Diodes
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
626Kb / 5P
   1.0 Watts Glass Passivated Junction Silicon Zener Diode
More results

Description similaire - 1N4740A

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HZK6C RENESAS-HZK6C Datasheet
49Kb / 7P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Hitachi Semiconductor
HZK-L HITACHI-HZK-L Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZK2B SEMTECH_ELEC-HZK2B Datasheet
221Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES for Stabilized Power Supply
logo
Renesas Technology Corp
HZK-L RENESAS-HZK-L Datasheet
47Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
RKZ2.4AKU RENESAS-RKZ2.4AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
SeCoS Halbleitertechnol...
HZ2A1 SECOS-HZ2A1 Datasheet
751Kb / 5P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ2 RENESAS-HZ2 Datasheet
83Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KD RENESAS-RKZ-KD Datasheet
100Kb / 8P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KU RENESAS-RKZ-KU Datasheet
216Kb / 9P
   Silicon Planar Zener Diode for Stabilized Power Supply
Jul 13, 2009
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com