Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB16NF06L Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STB16NF06L
Description  N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB16NF06L Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STB16NF06L_06 Datasheet HTML 2Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 3Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 4Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 5Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 6Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 7Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 8Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 9Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STB16NF06L
6/13
2.1
Electrical characteristics (curves)
Figure 1.
Safe operating area
Figure 2.
Thermal impedance
Figure 3.
Output characterisics
Figure 4.
Transfer characteristics
Figure 5.
Transconductance
Figure 6.
Static drain-source on resistance


Numéro de pièce similaire - STB16NF06L_06

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STB16NF06LT4 STMICROELECTRONICS-STB16NF06LT4 Datasheet
405Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
logo
VBsemi Electronics Co.,...
STB16NF06LT4 VBSEMI-STB16NF06LT4 Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
More results

Description similaire - STB16NF06L_06

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STB16NF06LT4 STMICROELECTRONICS-STB16NF06LT4 Datasheet
405Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STB16NF06L STMICROELECTRONICS-STB16NF06L Datasheet
312Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A D2PAK STripFET??POWER MOSFET
STD16NE06L STMICROELECTRONICS-STD16NE06L Datasheet
55Kb / 5P
   N - CHANNEL 60V - 0.07 ohm - 16A - DPAK STripFET POWER MOSFET
CD00002847 STMICROELECTRONICS-CD00002847 Datasheet
405Kb / 13P
   N-channel 60V - 0.07ohm - 16A - D2PAK STripFET Power MOSFET
STD16NE06L-1 STMICROELECTRONICS-STD16NE06L-1 Datasheet
55Kb / 5P
   N - CHANNEL 60V - 0.07 ohm - 16A - TO-251 STripFET POWER MOSFET
STB16PF06L STMICROELECTRONICS-STB16PF06L Datasheet
301Kb / 10P
   P-CHANNEL 60V - 0.11ohm - 16A D2PAK STripFET MOSFET
STD16NF06T4 STMICROELECTRONICS-STD16NF06T4 Datasheet
705Kb / 11P
   N-Channel 60V - 0.060廓 - 16A - DPAK STripFET??II Power MOSFET
STD16NE10L STMICROELECTRONICS-STD16NE10L Datasheet
444Kb / 6P
   N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
May 2000
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET??II POWER MOSFET
STB60NF06 STMICROELECTRONICS-STB60NF06_06 Datasheet
421Kb / 14P
   N-channel 60V - 0.014廓 - 60A - D2PAK/I2PAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com