Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM908E621 Fiches technique(PDF) 16 Page - Freescale Semiconductor, Inc

No de pièce MM908E621
Description  Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E621 Fiches technique(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MM908E621_08 Datasheet HTML 12Page - Freescale Semiconductor, Inc MM908E621_08 Datasheet HTML 13Page - Freescale Semiconductor, Inc MM908E621_08 Datasheet HTML 14Page - Freescale Semiconductor, Inc MM908E621_08 Datasheet HTML 15Page - Freescale Semiconductor, Inc MM908E621_08 Datasheet HTML 16Page - Freescale Semiconductor, Inc MM908E621_08 Datasheet HTML 17Page - Freescale Semiconductor, Inc MM908E621_08 Datasheet HTML 18Page - Freescale Semiconductor, Inc MM908E621_08 Datasheet HTML 19Page - Freescale Semiconductor, Inc MM908E621_08 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
908E621
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
SPI INTERFACE TIMING
SPI Operating Recommended Frequency(30)
fSPIOP
0.25
4.0
MHz
State Machine
Reset Low Level Duration after VDD High
tRST
0.8
1.25
1.94
ms
Normal Request Timeout
tNORMREQ
51
80
150
ms
Window Watchdog Timer(31)
Watchdog Period (WDP1:0 = 00)
tWD80
52
80
124
ms
Watchdog Period (WDP1:0 = 01)
tWD40
26
40
62
ms
Watchdog Period (WDP1:0 = 10)
tWD20
13
20
31
ms
Watchdog Period (WDP1:0 = 11)
tWD10
6.5
10
15.5
ms
Notes
30.
This parameter is guaranteed by process monitoring but is not production tested.
31.
This parameter is guaranteed only if correct trimming was applied. Additionally See Watchdog Period Range Value (AWD Trim) on page
50
Table 4. Dynamic Electrical Characteristics (continued)
All characteristics are for the analog chip only. Please refer to the 68HC908EY16 datasheet for characteristics of the
microcontroller chip. Characteristics noted under conditions 9.0V VSUP 16V, -40°C TJ 125°C, unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Numéro de pièce similaire - MM908E621_08

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MM908E621ACDWB FREESCALE-MM908E621ACDWB Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E621ACDWB/R2 FREESCALE-MM908E621ACDWB/R2 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E621ACDWB/R2 FREESCALE-MM908E621ACDWB/R2 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E621ACDWBR2 FREESCALE-MM908E621ACDWBR2 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
More results

Description similaire - MM908E621_08

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
908E621 FREESCALE-908E621_12 Datasheet
1Mb / 60P
   Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622 Datasheet
732Kb / 63P
   Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622_08 Datasheet
1Mb / 66P
   Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E622 FREESCALE-908E622_12 Datasheet
1Mb / 63P
   Integrated Quad Half-bridge, Triple High Side amd EC Glass Driver with Embedded MCU and LIN for High End Mirror
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com