Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MM908E621 Fiches technique(PDF) 6 Page - Freescale Semiconductor, Inc

No de pièce MM908E621
Description  Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E621 Fiches technique(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MM908E621_08 Datasheet HTML 2Page - Freescale Semiconductor, Inc MM908E621_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc MM908E621_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc MM908E621_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MM908E621_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MM908E621_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MM908E621_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MM908E621_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc MM908E621_08 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
908E621
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding limits on any pin may cause permanent damage to
the device.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
Supply Voltage
Analog Chip Supply Voltage under Normal Operation (Steady-state)
Analog Chip Supply Voltage under Transient Conditions(1)
MCU Chip Supply Voltage
VSUP(SS)
VSUP(PK)
VDD
-0.3 to 28
-0.3 to 40
-0.3 to 5.5
V
Input Pin Voltage
Analog Chip
Microcontroller Chip
VIN(ANALOG)
VIN(MCU)
-0.3 to 5.5
VSS-0.3 to VDD+0.3
V
Maximum Microcontroller Current per Pin
All Pins except VDD, VSS, PTA0:PTA4
PTA0:PTA4
IPIN(1)
IPIN(2)
±15
±25
mA
Maximum Microcontroller VSS Output Current
IMVSS
100
mA
Maximum Microcontroller VDD Input Current
IMVDD
100
mA
LIN Supply Voltage
Normal Operation (Steady-state)
Transient Input Voltage (per ISO7637 Specification) and with
External Components (Figure 4, page 18)
VBUS(SS)
VBUS(PK)
-18 to 40
-150 to 100
V
ESD Voltage(2)
Human Body Model H0 pin
Human Body Model all other pins
Machine Model
Charge Device Model
VESD1-1
VESD1-2
VESD2
VESD3
±1000
±2000
±200
±750
V
Notes
1.
Transient capability for pulses with a time of t < 0.5 sec.
2.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100pF, RZAP =1500Ω), the Machine Model
(CZAP =200pF, RZAP =0Ω) and the Charge Device Model, Robotic (CZAP = 4.0pF).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn