Moteur de recherche de fiches techniques de composants électroniques |
|
MC34675AEP Fiches technique(PDF) 3 Page - Freescale Semiconductor, Inc |
|
MC34675AEP Fiches technique(HTML) 3 Page - Freescale Semiconductor, Inc |
3 / 24 page Analog Integrated Circuit Device Data Freescale Semiconductor 3 34675 PIN CONNECTIONS PIN CONNECTIONS Figure 3. 34675 Pin Connections Table 1. 34675 Pin Definitions A functional description of each pin can be found in the Functional Pin Description section beginning on page 12. Pin Number Pin Name Pin Function Formal Name Definition 1 VIN Input Input supply The power supply input. 2 PPR Output Power present indicator Indication of the input power status. Open drain output. 3 CHG Output Charge indicator Indication of the charge status. Open drain output. 4 EN Input Enable Enable logic input. 5 GND Ground Ground Ground. 6 DET Output Regulator output The 4.85V/10mA linear regulator output. 7 ISET Output CC mode current setting and charge current monitor CC mode current setting and charge current monitoring pin. 8 BAT Output Charger output The charger output pin. Connect this pin to the Li-Ion battery. EPAD EPAD N/A Exposed pad The exposed pad for thermal dissipation enhancement. It must be soldered on the large ground plane on the PCB to increase the thermal dissipation. The pad must be connected to GND electrically BAT ISET DET GND VIN PPR CHG EN EPAD 1 2 3 4 8 7 6 5 Transparent Top View |
Numéro de pièce similaire - MC34675AEP |
|
Description similaire - MC34675AEP |