Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCZ33972TEW Fiches technique(PDF) 1 Page - Freescale Semiconductor, Inc

No de pièce MCZ33972TEW
Description  Multiple Switch Detection Interface with Suppressed Wake-Up
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33972TEW Fiches technique(HTML) 1 Page - Freescale Semiconductor, Inc

  MCZ33972TEW Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Document Number: MC33972
Rev 15, 8/2008
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007-2008. All rights reserved.
Multiple Switch Detection
Interface with Suppressed
Wake-Up
The 33972 Multiple Switch Detection Interface with suppressed
wake-Up is designed to detect the closing and opening of up to 22
switch contacts. The switch status, either open or closed, is transferred
to the microprocessor unit (MCU) through a serial peripheral interface
(SPI). The device also features a 22-to-1 analog multiplexer for reading
inputs as analog. The analog input signal is buffered and provided on
the AMUX output pin for the MCU to read.
The 33972 device has two modes of operation, Normal and Sleep.
Normal Mode allows programming of the device and supplies switch
contacts with pull-up or pull-down current as it monitors switch change
of state. The Sleep Mode provides low quiescent current, which makes
the 33972 ideal for automotive and industrial products requiring low
sleep-state currents.
Features
• Designed to operate 5.5V
≤ V
PWR ≤ 26V
• Switch input voltage range -14V to VPWR, 40V Max
• Interfaces directly to MPU using 3.3V/5.0V SPI protocol
• Selectable wake-up on change of state
• Selectable wetting current (16mA or 2.0mA)
• 8 programmable inputs (switches to battery or ground)
• 14 switch-to-ground inputs
• Typical standby current - VPWR = 100μA and VDD = 20μA
• Active interrupt (INT) on change-of-switch state
• Pb-free packaging designated by suffix code EW
• Exposed pad packaging designated by suffix code EK
Figure 1. 33972 Simplified Application Diagram
MULTIPLE SWITCH
DETECTION INTERFACE
DWB SUFFIX
EW SUFFIX (Pb-FREE)
98ARH99137A
32-PIN SOICW
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33972DWB/R2
-40°C to 125°C
32 SOICW
MC33972EW/R2
MCZ33972EW/R2
MCZ33972AEW/R2
MC33972TDWB/R2
MC33972TEW/R2
MCZ33972TEW/R2
MCZ33972AEK/R2
32 SOICW EP
33972/A/T
EK SUFFIX (Pb-FREE)
98ASA10556D
32-PIN SOICW EP
VBAT
SP0
SP1
SP7
SG0
SG1
SG12
SG13
VPWR
VDD
WAKE
SI
CS
SO
INT
AMUX
GND
MOSI
SCLK
CS
MISO
INT
AN0
33972
MCU
SCLK
POWER SUPPLY
LVI
ENABLE
WATCHDOG
RESET
VDD
VBAT
VDD
VBAT


Numéro de pièce similaire - MCZ33972TEW

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MCZ33972TEW/R2 FREESCALE-MCZ33972TEW/R2 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
More results

Description similaire - MCZ33972TEW

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com