Moteur de recherche de fiches techniques de composants électroniques |
|
L79L08C Fiches technique(PDF) 6 Page - STMicroelectronics |
|
L79L08C Fiches technique(HTML) 6 Page - STMicroelectronics |
6 / 22 page Electrical characteristics L79LxxAB - L79LxxAC - L79LxxC 6/22 4 Electrical characteristics Table 4. Electrical characteristics of L79L05 (refer to the test circuits, TJ = 0 to 125 °C, VI = -10 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C -4.6 -5 -5.4 V VO Output voltage IO = 1 to 40 mA, VI = -7 to -20 V -4.5 -5.5 V IO = 1 to 70 mA, VI = -10 V -4.5 -5.5 ΔVO Line regulation VI = -7 to -20 V, TJ = 25°C 200 mV VI = -8 to -20 V, TJ = 25°C 150 ΔVO Load regulation IO = 1 to 100 mA, TJ = 25°C 60 mV IO = 1 to 40 mA, TJ = 25°C 30 Id Quiescent current TJ = 25°C 6 mA TJ = 125°C 5.5 mA ΔId Quiescent current change IO = 1 to 40 mA 0.2 mA VI = -8 to -20 V 1.5 eN Output noise voltage B =10Hz to 100kHz, TJ = 25°C 40 µV SVR Supply voltage rejection VI = -8 to -18V, f = 120Hz IO = 40 mA, TJ = 25°C 40 49 dB Vd Dropout voltage 1.7 V |
Numéro de pièce similaire - L79L08C |
|
Description similaire - L79L08C |