Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDE1897R Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce TDE1897R
Description  0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1897R Fiches technique(HTML) 4 Page - STMicroelectronics

  TDE1897R_03 Datasheet HTML 1Page - STMicroelectronics TDE1897R_03 Datasheet HTML 2Page - STMicroelectronics TDE1897R_03 Datasheet HTML 3Page - STMicroelectronics TDE1897R_03 Datasheet HTML 4Page - STMicroelectronics TDE1897R_03 Datasheet HTML 5Page - STMicroelectronics TDE1897R_03 Datasheet HTML 6Page - STMicroelectronics TDE1897R_03 Datasheet HTML 7Page - STMicroelectronics TDE1897R_03 Datasheet HTML 8Page - STMicroelectronics TDE1897R_03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Figure 1
DIAGNOSTIC TRUTH TABLE
Diagnostic Conditions
Input
Output
Diag1
Diag2
Normal Operation
L
H
L
H
H
H
H
H
Open Load Condition (Io < Iold)L
H
L
H
H
L
H
H
Short to VS
L
H
H
H
L
L
H
H
Short Circuit to Ground (IO = ISC)
(**)
TDE1897R
TDE1898R
H
<H (*)
H
L
HH
L
H
H
H
H
Output DMOS Open
L
H
L
L
H
L
H
H
Overtemperature
L
H
L
L
H
H
L
L
Supply Undervoltage (VS < Vsth1 in the falling phase of the sup-
ply voltage; VS < Vsth2 in the rising phase of the supply voltage)
L
H
L
L
L
L
L
L
(*) According to the intervention of the current limiting block.
(**) A cold lamp filament, or a capacitive load may activate the current limiting circuit of the IPS, when the IPS is initially turned on. TDE1897
uses Diag2 to signal such condition, TDE1898 does not.
SOURCE DRAIN NDMOS DIODE
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vfsd 2-3
Forward On Voltage
@ Ifsd = 625mA
1
1.5
V
Ifp 2-3
Forward Peak Current
t = 10ms; d = 20%
2
A
trr 2-3
Reverse Recovery Time
If = 625mA di/dt = 25A/
µs
200
ns
tfr 2-3
Forward Recovery Time
50
ns
THERMAL CHARACTERISTICS (*)
Θ Lim
Junction Temp. Protect.
135
150
°C
TH
Thermal Hysteresis
30
°C
SWITCHING CHARACTERISTICS (VS = 24V; RL = 48
Ω) (*)
ton
Turn on Delay Time
100
µs
toff
Turn off Delay Time
20
µs
td
Input Switching to Diagnostic
Valid
100
µs
Note Vil < 0.8V, Vih > 2V @ (V+In > V–In); Minidip pin reference.
(*) Not tested.
TDE1897R - TDE1898R
4/12


Numéro de pièce similaire - TDE1897R_03

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDE1897RDP STMICROELECTRONICS-TDE1897RDP Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1897RFP STMICROELECTRONICS-TDE1897RFP Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
More results

Description similaire - TDE1897R_03

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
   0.5A high-side driver industrial intelligent power switch
TDE1897R STMICROELECTRONICS-TDE1897R Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1897C STMICROELECTRONICS-TDE1897C_03 Datasheet
1Mb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6375D STMICROELECTRONICS-L6375D Datasheet
330Kb / 16P
   0.5A high-side driver industrial intelligent power switch
L6377 STMICROELECTRONICS-L6377 Datasheet
91Kb / 11P
   0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
L6376 STMICROELECTRONICS-L6376 Datasheet
123Kb / 12P
   0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
L6375 STMICROELECTRONICS-L6375 Datasheet
84Kb / 12P
   0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1890 STMICROELECTRONICS-TDE1890 Datasheet
111Kb / 12P
   2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6370 STMICROELECTRONICS-L6370_07 Datasheet
237Kb / 19P
   2.5A high-side driver industrial intelligent power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com