Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS6680AS Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDS6680AS
Description  30V N-Channel PowerTrench SyncFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6680AS Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDS6680AS Datasheet HTML 1Page - Fairchild Semiconductor FDS6680AS Datasheet HTML 2Page - Fairchild Semiconductor FDS6680AS Datasheet HTML 3Page - Fairchild Semiconductor FDS6680AS Datasheet HTML 4Page - Fairchild Semiconductor FDS6680AS Datasheet HTML 5Page - Fairchild Semiconductor FDS6680AS Datasheet HTML 6Page - Fairchild Semiconductor FDS6680AS Datasheet HTML 7Page - Fairchild Semiconductor FDS6680AS Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©200
8 Fairchild Semiconductor Corporation
FDS6680AS Rev B
2(X)
FDS6680AS
30V N-Channel PowerTrench
® SyncFET
General Description
The FDS6680AS is designed to replace a single SO-8
MOSFET and Schottky diode in synchronous DC:DC
power supplies.
This 30V MOSFET is designed to
maximize power conversion efficiency, providing a low
RDS(ON)
and low gate charge.
The FDS6680AS
includes an integrated Schottky diode using Fairchild’s
monolithic SyncFET technology.
The performance of
the
FDS6680AS
as
the
low-side
switch
in
a
synchronous rectifier is indistinguishable from the
performance of the FDS6680 in parallel with a Schottky
diode.
Applications
• DC/DC converter
• Low side notebooks
Features
• 11.5 A, 30 V. R
DS(ON) max= 10.0 mΩ @ VGS = 10 V
RDS(ON) max= 12.5 mΩ @ VGS = 4.5 V
• Includes SyncFET Schottky body diode
• Low gate charge (22nC typical)
• High performance trench technology for extremely low
RDS(ON) and fast switching
• High power and current handling capability
S
D
S
S
SO-8
D
D
D
G
4
3
2
1
5
6
7
8
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous
(Note 1a)
11.5
A
– Pulsed
50
Power Dissipation for Single Operation
(Note 1a)
2.5
(Note 1b)
1.2
PD
(Note 1c)
1
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6680AS
FDS6680AS
13’’
12mm
2500 units
tm
May 2008


Numéro de pièce similaire - FDS6680AS

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6680AS_NL FAIRCHILD-FDS6680AS_NL Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
More results

Description similaire - FDS6680AS

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com