Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD8874 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDD8874
Description  N-Channel PowerTrench MOSFET 30V, 116A, 5.1m ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8874 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDD8874 Datasheet HTML 1Page - Fairchild Semiconductor FDD8874 Datasheet HTML 2Page - Fairchild Semiconductor FDD8874 Datasheet HTML 3Page - Fairchild Semiconductor FDD8874 Datasheet HTML 4Page - Fairchild Semiconductor FDD8874 Datasheet HTML 5Page - Fairchild Semiconductor FDD8874 Datasheet HTML 6Page - Fairchild Semiconductor FDD8874 Datasheet HTML 7Page - Fairchild Semiconductor FDD8874 Datasheet HTML 8Page - Fairchild Semiconductor FDD8874 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©200
8 Fairchild Semiconductor Corporation
o
FDD8874 / FDU8874 Rev. B
2
FDD8874 / FDU8874
N-Channel PowerTrench® MOSFET
30V, 116A, 5.1m
General Description
This N-Channel MOSFET has been designed specifically to
improve the overall efficiency of DC/DC converters using
either
synchronous
or
conventional
switching
PWM
controllers. It has been optimized for low gate charge, low
rDS(ON) and fast switching speed.
Applications
• DC/DC converters
Features
•rDS(ON) = 5.1mΩ, VGS = 10V, ID = 35A
•rDS(ON) = 6.4mΩ, VGS = 4.5V, ID = 35A
• High performance trench technology for extremely low
rDS(ON)
• Low gate charge
• High power and current handling capability
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
116
A
Continuous (TC = 25
oC, V
GS = 10V) (Note 1)
Continuous (TC = 25
oC, V
GS = 4.5V) (Note 1)
103
A
Continuous (Tamb = 25
oC, V
GS = 10V, with R
θJA = 52
oC/W)
18
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 2)
240
mJ
PD
Power dissipation
110
W
Derate above 25oC0.73
W/oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
RθJC
Thermal Resistance Junction to Case TO-252, TO-251
1.36
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252, TO-251
100
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252, 1in2 copper pad area
52
oC/W
D
G
S
G DS
I-PAK
(TO-251AA)
G
S
D
TO-252
D-PAK
(TO-252)
RoHS Compliant
tm
April
2008


Numéro de pièce similaire - FDD8874

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD8874 FAIRCHILD-FDD8874 Datasheet
133Kb / 11P
   N-Channel PowerTrench MOSFET 30V, 116A
logo
Inchange Semiconductor ...
FDD8874 ISC-FDD8874 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
FDD8874 UMW-FDD8874 Datasheet
545Kb / 7P
   30V N -Channel MOSFET
More results

Description similaire - FDD8874

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD8874 FAIRCHILD-FDD8874 Datasheet
133Kb / 11P
   N-Channel PowerTrench MOSFET 30V, 116A
FDU8878 FAIRCHILD-FDU8878_08 Datasheet
405Kb / 12P
   N-Channel PowerTrench MOSFET 30V, 40A, 15m ohm
FDB8896 FAIRCHILD-FDB8896 Datasheet
269Kb / 11P
   N-Channel PowerTrench MOSFET 30V, 93A, 5.7 m ohm
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com