Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD5810 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FDD5810
Description  N-Channel Logic Level Trench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5810 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FDD5810 Datasheet HTML 1Page - Fairchild Semiconductor FDD5810 Datasheet HTML 2Page - Fairchild Semiconductor FDD5810 Datasheet HTML 3Page - Fairchild Semiconductor FDD5810 Datasheet HTML 4Page - Fairchild Semiconductor FDD5810 Datasheet HTML 5Page - Fairchild Semiconductor FDD5810 Datasheet HTML 6Page - Fairchild Semiconductor FDD5810 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDD5810 Rev. A (W)
www.fairchildsemi.com
3
Switching Characteristics
Drain-Source Diode Characteristics
Notes:
1: Starting TJ = 25°C, L = 110μH, IAS = 28A, VDD = 54V, VGS = 10V.
ton
Turn-On Time
VDD = 30V, ID = 35A
VGS = 5V, RGS = 11Ω
-
-
130
ns
td(on)
Turn-On Delay Time
-
12
-
ns
tr
Rise Time
-
75
-
ns
td(off)
Turn-Off Delay Time
-
26
-
ns
tf
Fall Time
-
34
-
ns
toff
Turn-Off Time
-
-
90
ns
VSD
Source to Drain Diode Voltage
ISD = 32A
-
-
1.25
V
ISD = 16A
-
-
1.0
V
trr
Reverse Recovery Time
IF = 35A, di/dt = 100A/μs
-
-
39
ns
Qrr
Reverse Recovery Charge
IF = 35A, di/dt = 100A/μs
-
-
35
nC


Numéro de pièce similaire - FDD5810

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD5810 FAIRCHILD-FDD5810 Datasheet
266Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60V, 35A, 27mOhm
FDD5810 FAIRCHILD-FDD5810 Datasheet
454Kb / 7P
   N-Channel Logic Level Trench MOSFET 60V, 36A, 27m
logo
Inchange Semiconductor ...
FDD5810 ISC-FDD5810 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5810-F085 FAIRCHILD-FDD5810-F085 Datasheet
454Kb / 7P
   N-Channel Logic Level Trench MOSFET 60V, 36A, 27m
logo
ON Semiconductor
FDD5810-F085 ONSEMI-FDD5810-F085 Datasheet
350Kb / 8P
   N-Channel Logic Level Trench짰MOSFET
September-2017,Rev.1
More results

Description similaire - FDD5810

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD5810 FAIRCHILD-FDD5810_10 Datasheet
229Kb / 7P
   N-Channel Logic Level Trench짰 MOSFET 60V, 36A, 27m"||" "474244
Wolfson AudioPlus??Stereo CODEC with Power Managem
logo
Analog Power
AM3414N ANALOGPOWER-AM3414N Datasheet
105Kb / 3P
   N-Channel Logic Level MOSFET
AM2310N ANALOGPOWER-AM2310N Datasheet
244Kb / 5P
   N-Channel Logic Level MOSFET
logo
Samsung semiconductor
IRLZ44 SAMSUNG-IRLZ44 Datasheet
209Kb / 4P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
ARTSCHIP ELECTRONICS CO...
IRLZ44 ARTSCHIP-IRLZ44 Datasheet
240Kb / 4P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
Microsemi Corporation
2N6901 MICROSEMI-2N6901 Datasheet
154Kb / 3P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
Analog Power
AM3402N ANALOGPOWER-AM3402N Datasheet
245Kb / 5P
   N-Channel Logic Level MOSFET
logo
SeCoS Halbleitertechnol...
SMG2318N SECOS-SMG2318N Datasheet
474Kb / 4P
   N-Channel Logic Level MOSFET
logo
Analog Power
AM3438NE ANALOGPOWER-AM3438NE Datasheet
256Kb / 5P
   N-Channel Logic Level MOSFET
logo
SeCoS Halbleitertechnol...
SMG2318N SECOS-SMG2318N_15 Datasheet
474Kb / 4P
   N-Channel Logic Level MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com