Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KSE13003H2ASTU Datasheet(Fiches technique) 1 Page - Fairchild Semiconductor

Numéro de pièce KSE13003H2ASTU
Description  NPN Silicon Transistor
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE13003H2ASTU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSE13003H2ASTU Datasheet HTML 1Page - Fairchild Semiconductor KSE13003H2ASTU Datenblatt HTML 2Page - Fairchild Semiconductor KSE13003H2ASTU Datenblatt HTML 3Page - Fairchild Semiconductor KSE13003H2ASTU Datenblatt HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSE13003 Rev. 1.0.0
1
March 2008
KSE13003
NPN Silicon Transistor
High Voltage Switch Mode Applications
• High Voltage Capability
• High Speed Switching
• Suitable for Switching Regulator and Motor Control
Absolute Maximum Ratings* T
C = 25°C unless otherwise noted (notes_1)
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES_1:
1) These ratings are based on a maximum junction temperature of 150
°C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
hFE Classification
* Test on VCE = 2V, IC = 0.5A.
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
700
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
9
V
IC
Collector Current (DC)
1.5
A
ICP
Collector Current (Pulse)
3
A
IB
Base Current
0.75
A
PC
Collector Dissipation (TC = 25°C)
20
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65 ~ 150
°C
Classification
H1
H2
H3
hFE*
9 ~ 16
14~ 21
19 ~ 26
1
TO-126
1. Emitter
2.Collector
3.Base


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn