Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KSE13003 Datasheet(Fiches technique) 2 Page - Fairchild Semiconductor

Numéro de pièce KSE13003
Description  NPN Silicon Transistor
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE13003 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSE13003 Datenblatt HTML 1Page - Fairchild Semiconductor KSE13003 Datasheet HTML 2Page - Fairchild Semiconductor KSE13003 Datenblatt HTML 3Page - Fairchild Semiconductor KSE13003 Datenblatt HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSE13003 Rev. 1.0.0
2
Electrical Characteristics T
C = 25°C unless otherwise noted
* Pulse Test: Pulse Width=5ms, Duty Cycle
£10%
Package Marking and Ordering Information
Notes_2 :
1) The Affix “-H1/-H2/-H3” means the hFE classification.
2) The Sufix “-STU” means the TO126 short lead package and the Tube packing method, which can be on fairchildsemi website at http://www.fairchildsemi.com
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
BVCEO
Collector-Emitter Breakdown Voltage
IC = 5mA, IB = 0
400
V
IEBO
Emitter Cut-off Current
VEB = 9V, IC = 0
10
mA
hFE
*DC Current Gain
VCE = 2V, IC = 0.5A
VCE = 2V, IC =1A
8
5
40
VCE(sat)
*Collector Emitter Saturation Voltage
IC = 0.5A, IB = 0.1A
IC = 1A, IB = 0.25A
IC = 1.5A, IB = 0.5A
0.5
1
3
V
V
V
VBE(sat)
*Base Emitter Saturation Voltage
IC = 0.5A, IB = 0.1A
IC = 1A, IB = 0.25A
1
1.2
V
V
Cob
Output Capacitance
VCB = 10V , f = 0.1MHz
21
pF
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 0.1A
4
MHz
tON
Turn On Time
VCC =125V, IC = 1A
IB1 = 0.2A, IB2 = - 0.2A
RL = 125W
1.1
ms
tSTG
Storage Time
4.0
ms
tF
Fall Time
0.7
ms
Device Item (notes_2)
Device Marking
Package
Packing Method
Remarks
KSE13003H1ASTU
1 E13003
TO-126
TUBE
KSE13003H2ASTU
2 E13003
TO-126
TUBE
KSE13003H3ASTU
3 E13003
TO-126
TUBE


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn