Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FST3244WMX Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FST3244WMX
Description  8-Bit Bus Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3244WMX Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FST3244WMX Datasheet HTML 1Page - Fairchild Semiconductor FST3244WMX Datasheet HTML 2Page - Fairchild Semiconductor FST3244WMX Datasheet HTML 3Page - Fairchild Semiconductor FST3244WMX Datasheet HTML 4Page - Fairchild Semiconductor FST3244WMX Datasheet HTML 5Page - Fairchild Semiconductor FST3244WMX Datasheet HTML 6Page - Fairchild Semiconductor FST3244WMX Datasheet HTML 7Page - Fairchild Semiconductor FST3244WMX Datasheet HTML 8Page - Fairchild Semiconductor FST3244WMX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3244 • Rev. 1.0.3
4
DC Electrical Characteristics
Typical values are at VCC = 5.0V and TA = 25°C.
TA=-40 to +85°C
Symbol
Parameter
Conditions
VCC (V)
Min.
Typ.
Max.
Units
VIK
Clamp Diode Voltage
IIN = -18mA
4.5
-1.2
V
VIH
High-Level Input Voltage
4.0 to 5.5
2.0
V
VIL
Low-Level Input Voltage
4.0 to 5.5
0.8
V
IIN
Input Leakage Current
0
≤ V
IN ≤ 5.5V
5.5
±1.0
µA
IOZ
Off-state Leakage
Current
0
≤ A, B ≤ V
CC
5.5
±1.0
µA
VIN = 0V, IIN = 64mA
4.5
4
7
VIN = 0V, IIN = 30mA
4.5
4
7
VIN = 2.4V, IIN = 15mA
4.5
8
15
RON
Switch On Resistance
(3)
VIN = 2.4V, IIN = 15mA
4.0
11
20
Ω
ICC
Quiescent Supply Current
VIN = VCC or GND,
IOUT = 0
5.5
3
µA
ΔI
CC
Increase in ICC per Input
One Input at 3.4V, Other
Inputs at VCC or GND
5.5
2.5
mA
Note:
3.
Measured by the voltage drop between the A and B pins at the indicated current through the switch. On
resistance is determined by the lower of the voltages on the A or B pins.
AC Electrical Characteristics
TA = -40 to +85°C, CL = 50pF, and RU = RD = 500Ω.
VCC = 4.5 – 5.5V
VCC = 4.0V
Symbol
Parameter
Conditions
Min.
Max.
Min.
Max.
Units
Figure
tPHL, tPLH
Propagation Delay
Bus-to Bus
(4)
VIN = Open
0.25
0.25
ns
Figure 3
Figure 4
tPZH ,tPZL
Output Enable Time
VIN = 7V for tPZL
VIN = Open for
tPZH
1.0
5.6
6.1
ns
Figure 3
Figure 4
tPHZ, tPLZ
Output Disable Time
VIN = 7V for tPLZ
VIN = Open for
tPHZ
1.0
6.2
5.6
ns
Figure 3
Figure 4
Note:
4.
This parameter is guaranteed by design, but is not tested. The bus switch contributes no propagation delay
other than the RC delay of the typical on resistance of the switch and the 50pF load capacitance when driven by
an ideal voltage source (zero output impedance).
Capacitance
TA = +25°C, f = 1MHz. Capacitance is characterized, but not tested.
Symbol
Parameter
Conditions
Typ.
Units
CIN
Control Pin Input Capacitance
VCC = 5.0V
3
pF
CI/O
Input/Output Capacitance
VCC, /OE = 5.0V
5
pF


Numéro de pièce similaire - FST3244WMX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FST3244WM FAIRCHILD-FST3244WM Datasheet
111Kb / 5P
   Octal Bus Switch
More results

Description similaire - FST3244WMX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FST3345 FAIRCHILD-FST3345 Datasheet
119Kb / 6P
   8-Bit Bus Switch
FST3345 FAIRCHILD-FST3345_08 Datasheet
439Kb / 9P
   8-Bit Bus Switch
logo
ON Semiconductor
FST3245 ONSEMI-FST3245 Datasheet
600Kb / 9P
   8-Bit Bus Switch
December 2012 Rev. 1.0.3
74FST3345 ONSEMI-74FST3345 Datasheet
87Kb / 6P
   8-Bit Bus Switch
January, 2005 ??Rev. 1
74FST3245 ONSEMI-74FST3245 Datasheet
85Kb / 8P
   8-Bit Bus Switch
August, 2001 ??Rev. 0
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245_05 Datasheet
185Kb / 5P
   8-Bit Bus Switch
FST3345 FAIRCHILD-FST3345_05 Datasheet
134Kb / 5P
   8-Bit Bus Switch
logo
ON Semiconductor
74FST3244 ONSEMI-74FST3244 Datasheet
89Kb / 8P
   8-Bit Bus Switch
January, 2005 ??Rev. 1
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245_08 Datasheet
439Kb / 9P
   8-Bit Bus Switch
logo
Texas Instruments
SN74CBT3345 TI1-SN74CBT3345_16 Datasheet
1Mb / 16P
[Old version datasheet]   8-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com