Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FQA13N50CF Datasheet(Fiches technique) 5 Page - Fairchild Semiconductor

Numéro de pièce FQA13N50CF
Description  500V N-Channel MOSFET
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA13N50CF Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQA13N50CF Datenblatt HTML 1Page - Fairchild Semiconductor FQA13N50CF Datenblatt HTML 2Page - Fairchild Semiconductor FQA13N50CF Datenblatt HTML 3Page - Fairchild Semiconductor FQA13N50CF Datenblatt HTML 4Page - Fairchild Semiconductor FQA13N50CF Datasheet HTML 5Page - Fairchild Semiconductor FQA13N50CF Datenblatt HTML 6Page - Fairchild Semiconductor FQA13N50CF Datenblatt HTML 7Page - Fairchild Semiconductor FQA13N50CF Datenblatt HTML 8Page - Fairchild Semiconductor FQA13N50CF Datenblatt HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
FQA13N50CF Rev. A1
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
STW26NM50N-CHANNEL 500V - 0.10ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
FDH45N50F_0605500V N-Channel MOSFET FRFET 1 2 3 4 5 MoreFairchild Semiconductor
FDP12N50N-Channel MOSFET 500V 11.5A 0.65Ω 1 2 3 4 5 MoreFairchild Semiconductor
FDA20N50FN-Channel MOSFET 500V 22A 0.26Ω 1 2 3 4 5 MoreFairchild Semiconductor
FQP13N50CF500V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FDA24N50N-Channel MOSFET 500V 24A 0.19Ω 1 2 3 4 5 MoreFairchild Semiconductor
IRF840B_05500V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
STP9NK50Z_04N-CHANNEL 500V - 0.72W - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
TSM5NS50500V N-Channel Power MOSFET 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
FDB12N50FN-Channel MOSFET FRFET 500V 11.5A 0.7Ω 1 2 3 4 5 MoreFairchild Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn