Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMS6501 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FMS6501
Description  12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6501 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FMS6501_07 Datasheet HTML 1Page - Fairchild Semiconductor FMS6501_07 Datasheet HTML 2Page - Fairchild Semiconductor FMS6501_07 Datasheet HTML 3Page - Fairchild Semiconductor FMS6501_07 Datasheet HTML 4Page - Fairchild Semiconductor FMS6501_07 Datasheet HTML 5Page - Fairchild Semiconductor FMS6501_07 Datasheet HTML 6Page - Fairchild Semiconductor FMS6501_07 Datasheet HTML 7Page - Fairchild Semiconductor FMS6501_07 Datasheet HTML 8Page - Fairchild Semiconductor FMS6501_07 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6501 Rev. 1.0.4
3
Pin Configuration
Figure 2. Pin Configuration
IN1
IN3
OUT2
VCCO
OUT7
20
19
18
1
2
3
4
5
6
7
SCL
OUT6
OUT5
OUT3
17
16
15
8
9
10
OUT1
11
12
13
21
22
23
24
25
26
14
27
28
IN2
OUT4
GNDO
OUT8
OUT9
SDA
ADDR
IN7
IN8
IN9
IN5
IN4
VCC
IN6
IN12
IN11
IN10
GND
FAIRCHILD
FMS6501
28L SSOP
Pin Assignments
Pin#
Name
Type
Description
1
IN1
Input
Input, channel 1
2
IN2
Input
Input, channel 2
3
IN3
Input
Input, channel 3
4
IN4
Input
Input, channel 4
5
IN5
Input
Input, channel 5
6
IN6
Input
Input, channel 6
7
VCC
Input
Positive power supply
8
GND
Input
Must be tied to ground
9
IN7
Input
Input, channel 7
10
IN8
Input
Input, channel 8
11
IN9
Input
Input, channel 9
12
IN10
Input
Input, channel 10
13
IN11
Input
Input, channel 11
14
IN12
Input
Input, channel 12
15
ADDR
Input
Selects I2C address. “0” = 0x06
(0000 0110), ‘1” = 0x86 (1000 0110)
16
SCL
Input
Serial clock for I2C port
17
SDA
Input
Serial data for I2C port
18
OUT9
Output
Output, channel 9
19
OUT8
Output
Output, channel 8
20
OUT7
Output
Output, channel 7
21
GNDO
Input
Must be tied to ground
22
VCCO
Input
Positive power supply for output drivers
23
OUT6
Output
Output, channel 6
24
OUT5
Output
Output, channel 5
25
OUT4
Output
Output, channel 4
26
OUT3
Output
Output, channel 3
27
OUT2
Output
Output, channel 2
28
OUT1
Output
Output, channel 1


Numéro de pièce similaire - FMS6501_07

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FMS6501 FAIRCHILD-FMS6501_06 Datasheet
361Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
More results

Description similaire - FMS6501_07

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FMS6501 FAIRCHILD-FMS6501_06 Datasheet
361Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501 FAIRCHILD-FMS6501 Datasheet
166Kb / 16P
   12 Input 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
logo
Renesas Technology Corp
H838776 RENESAS-H838776 Datasheet
3Mb / 594P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
logo
Fairchild Semiconductor
FMS6502 FAIRCHILD-FMS6502 Datasheet
538Kb / 13P
   8-Input, 6-Output Video Switch Matrix with Output Drivers, Input Clamp, and Bias Circuitry
logo
ON Semiconductor
FMS6501 ONSEMI-FMS6501 Datasheet
433Kb / 16P
   12 Input / 9 Output Video Switch Matrix
April 2007 Rev. 1.0.4
FMS6501A ONSEMI-FMS6501A Datasheet
987Kb / 16P
   12x9 Video Switch Matrix with Input Clamp
January 2013 Rev. 1.0.0
FMS6502 ONSEMI-FMS6502 Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2595 NJRC-NJM2595 Datasheet
585Kb / 9P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com