Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FIN12ACGFX Fiches technique(PDF) 9 Page - Fairchild Semiconductor

No de pièce FIN12ACGFX
Description  Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN12ACGFX Fiches technique(HTML) 9 Page - Fairchild Semiconductor

Back Button FIN12ACGFX Datasheet HTML 5Page - Fairchild Semiconductor FIN12ACGFX Datasheet HTML 6Page - Fairchild Semiconductor FIN12ACGFX Datasheet HTML 7Page - Fairchild Semiconductor FIN12ACGFX Datasheet HTML 8Page - Fairchild Semiconductor FIN12ACGFX Datasheet HTML 9Page - Fairchild Semiconductor FIN12ACGFX Datasheet HTML 10Page - Fairchild Semiconductor FIN12ACGFX Datasheet HTML 11Page - Fairchild Semiconductor FIN12ACGFX Datasheet HTML 12Page - Fairchild Semiconductor FIN12ACGFX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN12AC Rev. 1.1.2
9
STROBE Pass-Through Mode
For some applications, it is desirable to pass a word
clock across a differential signal pair in the opposite
direction of serialization. The FIN12AC supports this
mode of operation.
For the deserializer:
1. DIRI = LOW
2. CKREF = LOW
3. Word clock should be connected to the STROBE.
This passes the STROBE signal out the CKSO port.
For the serializer:
1. Connect CKSO of the deserializer to CKSI of the
serializer.
2. CKSI passes the signal to CKP.
When PLL-bypass mode is used, the bit clock toggles on
the CKP signal.
Table 2. Control I/O
Flex Circuit Design Guidelines
The serial I/O information is transmitted at a high serial rate. Care must be taken implementing this serial I/O flex cable.
The following best practices should be used when developing the flex cabling or Flex PCB:
Keep all four differential wires the same length.
Allow no noisy signals over or near differential serial wires. Example: No LVCMOS traces over differential wires.
Use only one ground plane or wire over the differential serial wires. Do not run ground over top and bottom.
Do not place test points on differential serial wires.
Use differential serial wires a minimum of 2cm away from the antenna.
Mode Number
DIRI
DIRO
CKSO
CKP
Mode of Operation
0
x
Z
Z
Z
Power Down Mode: S2 = 0, S1 = 0
1, 2, 3
0
1
CKSO = STROBE
Deserializer
Output STROBE
Deserializer: Any active mode
1, 2, 3
1
0
Serializer
Output Bit Clock
CKSI
Serializer: Any active mode


Numéro de pièce similaire - FIN12ACGFX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN12ACGFX FAIRCHILD-FIN12ACGFX Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12ACGFX FAIRCHILD-FIN12ACGFX Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com