Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS8958A Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FDS8958A
Description  Dual N & P-Channel PowerTrenchO MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8958A Fiches technique(HTML) 7 Page - Fairchild Semiconductor

  FDS8958A_08 Datasheet HTML 1Page - Fairchild Semiconductor FDS8958A_08 Datasheet HTML 2Page - Fairchild Semiconductor FDS8958A_08 Datasheet HTML 3Page - Fairchild Semiconductor FDS8958A_08 Datasheet HTML 4Page - Fairchild Semiconductor FDS8958A_08 Datasheet HTML 5Page - Fairchild Semiconductor FDS8958A_08 Datasheet HTML 6Page - Fairchild Semiconductor FDS8958A_08 Datasheet HTML 7Page - Fairchild Semiconductor FDS8958A_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FDS8958A Rev F
3 (W)
Typical Characteristics: Q2 (P-Channel)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 23. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.
RθJA(t) = r(t) * R θA
RθJA = 135 °C/W
TJ - TA = P * R θJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2


Numéro de pièce similaire - FDS8958A_08

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS8958A FAIRCHILD-FDS8958A_07 Datasheet
311Kb / 9P
   Dual N and P-Channel PowerTrench MOSFET
More results

Description similaire - FDS8958A_08

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDG327NZ FAIRCHILD-FDG327NZ_08 Datasheet
497Kb / 5P
   20V N-Channel PowerTrenchO MOSFET
logo
Guangdong Youtai Semico...
IRF7309TR UMW-IRF7309TR Datasheet
2Mb / 11P
   Dual N P Channel MOSFET
IRF7389TR UMW-IRF7389TR Datasheet
443Kb / 10P
   Dual N P Channel MOSFET
IRF7319TR UMW-IRF7319TR Datasheet
430Kb / 10P
   Dual N P Channel MOSFET
logo
Fairchild Semiconductor
FDS8960C FAIRCHILD-FDS8960C Datasheet
175Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8962C FAIRCHILD-FDS8962C Datasheet
679Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8958 FAIRCHILD-FDS8958 Datasheet
233Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
logo
Alpha & Omega Semicondu...
AO4613 AOSMD-AO4613_10 Datasheet
219Kb / 7P
   30V Dual P N-Channel MOSFET
logo
Fairchild Semiconductor
FQG4902TU FAIRCHILD-FQG4902TU Datasheet
1Mb / 12P
   250V Dual N & P-Channel MOSFET
logo
International Rectifier
IRF5851TRPBF IRF-IRF5851TRPBF Datasheet
255Kb / 14P
   Dual N and P Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com