Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST92124CR9TB Fiches technique(PDF) 76 Page - STMicroelectronics

No de pièce ST92124CR9TB
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
Download  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92124CR9TB Fiches technique(HTML) 76 Page - STMicroelectronics

Back Button ST92124CR9TB Datasheet HTML 72Page - STMicroelectronics ST92124CR9TB Datasheet HTML 73Page - STMicroelectronics ST92124CR9TB Datasheet HTML 74Page - STMicroelectronics ST92124CR9TB Datasheet HTML 75Page - STMicroelectronics ST92124CR9TB Datasheet HTML 76Page - STMicroelectronics ST92124CR9TB Datasheet HTML 77Page - STMicroelectronics ST92124CR9TB Datasheet HTML 78Page - STMicroelectronics ST92124CR9TB Datasheet HTML 79Page - STMicroelectronics ST92124CR9TB Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 426 page
background image
76/426
ST92F124/F150/F250 - REGISTER AND MEMORY MAP
Table 17. Detailed Register Map
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
N/A
Core
R230
CICR
Central Interrupt Control Register
87
33
R231
FLAGR
Flag Register
00
34
R232
RP0
Pointer 0 Register
xx
36
R233
RP1
Pointer 1 Register
xx
36
R234
PPR
Page Pointer Register
xx
38
R235
MODER
Mode Register
E0
38
R236
USPHR
User Stack Pointer High Register
xx
40
R237
USPLR
User Stack Pointer Low Register
xx
40
R238
SSPHR
System Stack Pointer High Reg.
xx
40
R239
SSPLR
System Stack Pointer Low Reg.
xx
40
I/O
Port
0:5
R224
P0DR
Port 0 Data Register
FF
150
R225
P1DR
Port 1 Data Register
FF
R226
P2DR
Port 2 Data Register
FF
R227
P3DR
Port 3 Data Register
1111 111x
R228
P4DR
Port 4 Data Register
FF
R229
P5DR
Port 5 Data Register
FF
0
INT
R242
EITR
External Interrupt Trigger Register
00
105
R243
EIPR
External Interrupt Pending Reg.
00
106
R244
EIMR
External Interrupt Mask-bit Reg.
00
106
R245
EIPLR
External Interrupt Priority Level Reg.
FF
106
R246
EIVR
External Interrupt Vector Register
x6
162
R247
NICR
Nested Interrupt Control
00
107
WDT
R248
WDTHR
Watchdog Timer High Register
FF
161
R249
WDTLR
Watchdog Timer Low Register
FF
161
R250
WDTPR
Watchdog Timer Prescaler Reg.
FF
161
R251
WDTCR
Watchdog Timer Control Register
12
161
R252
WCR
Wait Control Register
7F
162
2
I/O
Port
0
R240
P0C0
Port 0 Configuration Register 0
00
150
R241
P0C1
Port 0 Configuration Register 1
00
R242
P0C2
Port 0 Configuration Register 2
00
I/O
Port
1
R244
P1C0
Port 1 Configuration Register 0
00
R245
P1C1
Port 1 Configuration Register 1
00
R246
P1C2
Port 1 Configuration Register 2
00
I/O
Port
2
R248
P2C0
Port 2 Configuration Register 0
FF
R249
P2C1
Port 2 Configuration Register 1
00
R250
P2C2
Port 2 Configuration Register 2
00
I/O
Port
3
R252
P3C0
Port 3 Configuration Register 0
1111 111x
R253
P3C1
Port 3 Configuration Register 1
0000 000x
R254
P3C2
Port 3 Configuration Register 2
0000 000x
9


Numéro de pièce similaire - ST92124CR9TB

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST92124CR9TB STMICROELECTRONICS-ST92124CR9TB Datasheet
4Mb / 429P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
More results

Description similaire - ST92124CR9TB

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST92F124 STMICROELECTRONICS-ST92F124_06 Datasheet
4Mb / 429P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
ST92F120 STMICROELECTRONICS-ST92F120 Datasheet
1Mb / 320P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
ST92F120V9 STMICROELECTRONICS-ST92F120V9 Datasheet
3Mb / 324P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
September 2002 Rev. 2.6
logo
ATMEL Corporation
T89C51CC01 ATMEL-T89C51CC01 Datasheet
1Mb / 146P
   Enhanced 8-bit MCU with CAN controller and Flash
logo
STMicroelectronics
ST7FOXA0 STMICROELECTRONICS-ST7FOXA0 Datasheet
1Mb / 123P
   8-bit MCU with single voltage Flash memory
February 2008 Rev 3
logo
Holtek Semiconductor In...
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
STMicroelectronics
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
   16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
logo
Holtek Semiconductor In...
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
STMicroelectronics
ST7LITE49M STMICROELECTRONICS-ST7LITE49M Datasheet
1Mb / 188P
   8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I짼C interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com