Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FFP08S60SN Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FFP08S60SN
Description  8A, 600V STEALTHTM II Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFP08S60SN Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FFP08S60SN Datasheet HTML 1Page - Fairchild Semiconductor FFP08S60SN Datasheet HTML 2Page - Fairchild Semiconductor FFP08S60SN Datasheet HTML 3Page - Fairchild Semiconductor FFP08S60SN Datasheet HTML 4Page - Fairchild Semiconductor FFP08S60SN Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FFP08S60SN Rev. A
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 2. Typical Reverse Current vs.
Reverse Voltage
Figure 3.Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 5. Typical Reverse Recovery
Current vs. di/dt
Figure 6. Forward Current Derating Curve
100
200
300
400
500
600
0.001
0.01
0.1
1
10
40
T
C = 75
o
C
T
C = 25
o
C
T
C = 125
o
C
Reverse Voltage, V
R [V]
10
012345
0.1
1
10
20
T
C = 125
o
C
T
C = 75
o
C
Forward Voltage, V
F
[V]
T
C = 25
o
C
0.1
1
10
100
0
10
20
30
40
50
Typical Capacitance
at 0V = 43 pF
Reverse Voltage, V
R
[V]
100
200
300
400
500
600
10
20
30
40
I
F
= 8A
T
C = 75
o
C
T
C = 25
o
C
T
C = 125
o
C
di/dt [A/µs]
100
200
300
400
500
600
0
2
4
6
8
10
I
F
= 8A
TC = 125
o
C
TC = 25
o
C
T
C = 75
o
C
di/dt [A/µs]
25
50
75
100
125
150
0
5
10
15
Case temperature, T
C
[
o
C]


Numéro de pièce similaire - FFP08S60SN

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FFP08S60S FAIRCHILD-FFP08S60S Datasheet
135Kb / 5P
   Stealth 2 Rectifier
FFP08S60S FAIRCHILD-FFP08S60S Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
FFP08S60S FAIRCHILD-FFP08S60S Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FFP08S60STU FAIRCHILD-FFP08S60STU Datasheet
135Kb / 5P
   Stealth 2 Rectifier
FFP08S60STU FAIRCHILD-FFP08S60STU Datasheet
139Kb / 5P
   8A, 600V STEALTHTM II Rectifier
More results

Description similaire - FFP08S60SN

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FFP08S60S FAIRCHILD-FFP08S60S_07 Datasheet
139Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF08S60SN FAIRCHILD-FFPF08S60SN Datasheet
153Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF08S60ST FAIRCHILD-FFPF08S60ST_12 Datasheet
294Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFD08S60S FAIRCHILD-FFD08S60S Datasheet
498Kb / 5P
   STEALTHTM II Rectifier 8A, 600V Stealth2 Rectifier
FFPF15S60S FAIRCHILD-FFPF15S60S Datasheet
241Kb / 5P
   15A, 600V STEALTHTM II Rectifier
FFPF60SB60DS FAIRCHILD-FFPF60SB60DS Datasheet
264Kb / 5P
   4A, 600V STEALTHTM II Rectifier
FFP30S60S FAIRCHILD-FFP30S60S_12 Datasheet
511Kb / 6P
   30A, 600V STEALTHTM II Rectifier
FFPF04S60S FAIRCHILD-FFPF04S60S Datasheet
238Kb / 5P
   4A, 600V STEALTHTM II Rectifier
logo
Diodes Incorporated
DSR8F600 DIODES-DSR8F600 Datasheet
548Kb / 6P
   600V 8A HYPERFAST RECTIFIER
logo
Silicon Supplies
MURC860 SS-MURC860 Datasheet
1Mb / 4P
   600V 8A 50ns Rectifier
Rev 1.0 27/12/22
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com