Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1381 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 2SA1381
Description  PNP Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2SA1381 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  2SA1381 Datasheet HTML 1Page - Fairchild Semiconductor 2SA1381 Datasheet HTML 2Page - Fairchild Semiconductor 2SA1381 Datasheet HTML 3Page - Fairchild Semiconductor 2SA1381 Datasheet HTML 4Page - Fairchild Semiconductor 2SA1381 Datasheet HTML 5Page - Fairchild Semiconductor 2SA1381 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2SA1381/KSA1381 Rev. A1
1
March 2008
2SA1381/KSA1381
PNP Epitaxial Silicon Transistor
Applications
• Audio, Voltage Amplifier and Current Source
• CRT Display, Video Output
• General Purpose Amplifier
Features
• High Voltage : VCEO= -300V
• Low Reverse Transfer Capacitance : Cre= 2.3pF at VCB = -30V
• Excellent Gain Linearity for low THD
• High Frequency: 150MHz
• Full thermal and electrical Spice models are available
• Complement to 2SC3503/KSC3503
Absolute Maximum Ratings* T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics* T
a=25°C unless otherwise noted
* Device mounted on minimum pad size
hFE Classification
Symbol
Parameter
Ratings
Units
BVCBO
Collector-Base Voltage
-300
V
BVCEO
Collector-Emitter Voltage
-300
V
BVEBO
Emitter-Base Voltage
-5
V
IC
Collector Current(DC)
-100
mA
ICP
Collector Current(Pulse)
-200
mA
PC
Total Device Dissipation, TC=25°C
TC=125°C
7
1.2
W
W
TJ, TSTG
Junction and Storage Temperature
- 55 ~ +150
°C
Symbol
Parameter
Max.
Units
RθJC
Thermal Resistance, Junction to Case
17.8
°C/W
Classification
CD
E
F
hFE
40 ~ 80
60 ~ 120
100 ~ 200
160 ~ 320
1
TO-126
1. Emitter
2.Collector
3.Base


Numéro de pièce similaire - 2SA1381

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SA1381 SANYO-2SA1381 Datasheet
137Kb / 4P
   High-Definition CRT Display, Video Output
2SA1381 SANYO-2SA1381 Datasheet
183Kb / 3P
   Transistors for TV Display Video Output Use
logo
Fairchild Semiconductor
2SA1381 FAIRCHILD-2SA1381 Datasheet
163Kb / 6P
   PNP Epitaxial Silicon Transistor
logo
Inchange Semiconductor ...
2SA1381 ISC-2SA1381 Datasheet
305Kb / 2P
   isc Silicon PNP Power Transistor
2SA1381 ISC-2SA1381_V01 Datasheet
305Kb / 2P
   isc Silicon PNP Power Transistor
More results

Description similaire - 2SA1381

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com