Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSBB20CH60L Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FSBB20CH60L
Description  Smart Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB20CH60L Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FSBB20CH60L Datasheet HTML 1Page - Fairchild Semiconductor FSBB20CH60L Datasheet HTML 2Page - Fairchild Semiconductor FSBB20CH60L Datasheet HTML 3Page - Fairchild Semiconductor FSBB20CH60L Datasheet HTML 4Page - Fairchild Semiconductor FSBB20CH60L Datasheet HTML 5Page - Fairchild Semiconductor FSBB20CH60L Datasheet HTML 6Page - Fairchild Semiconductor FSBB20CH60L Datasheet HTML 7Page - Fairchild Semiconductor FSBB20CH60L Datasheet HTML 8Page - Fairchild Semiconductor FSBB20CH60L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
www.fairchildsemi.com
FSBB20CH60L Rev. C
Integrated Power Functions
• 600V-20A IGBT inverter for three-phase DC/AC power conversion (Please refer to Figure 3)
Integrated Drive, Protection and System Control Functions
• For inverter high-side IGBTs: Gate drive circuit, High voltage isolated high-speed level shifting
Control circuit under-voltage (UV) protection
Note) Available bootstrap circuit example is given in Figures 10 and 11.
• For inverter low-side IGBTs: Gate drive circuit, Short circuit protection (SC)
Control supply circuit under-voltage (UV) protection
• Fault signaling: Corresponding to a UV fault (Low-side supply)
• Input interface: 3.3/5V CMOS/LSTTL compatible, Schmitt trigger input
Pin Configuration
Figure 2.
(21) NU
(22) NV
(23) NW
(27) P
U
(25) V
(26) W
Case Temperature (TC)
Detecting Point
DBC Substrate
(21) NU
(22) NV
(23) NW
(27) P
(24)
(25) V
(26) W
Case Temperature (TC)
Detecting Point
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
13.7
19.2
(21) NU
(22) NV
(23) NW
(27) P
U
(25) V
(26) W
Case Temperature (TC)
Detecting Point
DBC Substrate
(21) NU
(22) NV
(23) NW
(27) P
(24)
(25) V
(26) W
Case Temperature (TC)
Detecting Point
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
13.7
19.2
13.7
19.2
Top View


Numéro de pièce similaire - FSBB20CH60L

FabricantNo de pièceFiches techniqueDescription
logo
Etron Technology, Inc.
FSBB20CH60 ETRON-FSBB20CH60 Datasheet
544Kb / 16P
   Smart Power Module
logo
Fairchild Semiconductor
FSBB20CH60 FAIRCHILD-FSBB20CH60 Datasheet
544Kb / 16P
   Smart Power Module
FSBB20CH60 FAIRCHILD-FSBB20CH60 Datasheet
588Kb / 14P
   Motion SPM짰 3 Series
FSBB20CH60BT FAIRCHILD-FSBB20CH60BT Datasheet
414Kb / 17P
   Smart Power Module
FSBB20CH60C FAIRCHILD-FSBB20CH60C Datasheet
470Kb / 17P
   Smart Power Module
More results

Description similaire - FSBB20CH60L

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com