Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS4435BZ Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDS4435BZ
Description  P-Channel PowerTrench짰 MOSFET -30V, -8.8A, 20m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4435BZ Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDS4435BZ_07 Datasheet HTML 1Page - Fairchild Semiconductor FDS4435BZ_07 Datasheet HTML 2Page - Fairchild Semiconductor FDS4435BZ_07 Datasheet HTML 3Page - Fairchild Semiconductor FDS4435BZ_07 Datasheet HTML 4Page - Fairchild Semiconductor FDS4435BZ_07 Datasheet HTML 5Page - Fairchild Semiconductor FDS4435BZ_07 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
©2007 Fairchild Semiconductor Corporation
FDS4435BZ Rev.C
Figure 7.
0
5
10
15
20
25
30
0
2
4
6
8
10
I
D = -8.8A
VDD = -20V
VDD = -10V
Qg, GATE CHARGE(nC)
VDD = -15V
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
1000
30
f = 1MHz
VGS = 0V
Crss
Coss
Ciss
-VDS, DRAIN TO SOURCE VOLTAGE (V)
4000
Capacitance vs Drain
to Source Voltage
Figure9.
0.01
0.1
1
10
1
10
TJ = 25oC
TJ = 125oC
t
AV, TIME IN AVALANCHE(ms)
30
20
Unclamped Inductive
Switching Capability
Figure 10.
0
5
10
15
20
25
30
10
-9
10
-8
10
-7
10
-6
10
-5
10
-4
TJ = 25oC
TJ = 125oC
VDS = 0V
-VGS, GATE TO SOURCE VOLTAGE(V)
Gate Leakage Current vs Gate to
Source Voltage
Figure 11. Maximum Continuous Drain
Current vs Ambient Temperature
25
50
75
100
125
150
0
2
4
6
8
10
RθJA = 50
o
C/W
VGS = -4.5V
VGS = -10V
T
A
, AMBIENT TEMPERATURE
(
o
C
)
Figure 12.
0.1
1
10
0.01
0.1
1
10
100
100us
SINGLE PULSE
TJ = MAX RATED
RθJA = 125
o
C/W
TA = 25oC
THIS AREA IS
LIMITED BY r
DS(on)
80
10s
1ms
10ms
100ms
1s
DC
-VDS, DRAIN to SOURCE VOLTAGE (V)
Forward Bias Safe
Operating Area
Typical Characteristics T
J = 25°C unless otherwise noted


Numéro de pièce similaire - FDS4435BZ_07

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDS4435BZ-F085 ONSEMI-FDS4435BZ-F085 Datasheet
416Kb / 7P
   P-Channel PowerTrench짰 MOSFET -30V, -8.8A, 20m
September-2017,Rev.1
logo
VBsemi Electronics Co.,...
FDS4435BZ-NL VBSEMI-FDS4435BZ-NL Datasheet
1,004Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Description similaire - FDS4435BZ_07

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDS4435BZ-F085 ONSEMI-FDS4435BZ-F085 Datasheet
416Kb / 7P
   P-Channel PowerTrench짰 MOSFET -30V, -8.8A, 20m
September-2017,Rev.1
FDS6673BZ-F085 ONSEMI-FDS6673BZ-F085 Datasheet
510Kb / 6P
   P-Channel PowerTrench짰 MOSFET -30V, -14.5A, 7.8m廓
September-2017, Rev. 2
logo
Fairchild Semiconductor
FDS8858CZ FAIRCHILD-FDS8858CZ Datasheet
311Kb / 10P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 30V, 8.6A, 17.0m廓 P-Channel: -30V, -7.3A, 20.5m廓
logo
ON Semiconductor
FDS8858CZ ONSEMI-FDS8858CZ Datasheet
543Kb / 11P
   Dual N & P-Channel PowerTrench짰 MOSFETN-Channel: 30V, 8.6A, 17.0m廓 P-Channel: -30V, -7.3A, 20.5m廓
October-2017,Rev.3
logo
Fairchild Semiconductor
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
FDD8896 FAIRCHILD-FDD8896_12 Datasheet
1Mb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 94A, 5.7m廓
FDD8880 FAIRCHILD-FDD8880_08 Datasheet
503Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 58A, 9m廓
logo
ON Semiconductor
FDS8984-F085 ONSEMI-FDS8984-F085 Datasheet
485Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 7A, 23m廓
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDMS8662 FAIRCHILD-FDMS8662 Datasheet
210Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 49A, 2.0m廓
FDD8870_F085 FAIRCHILD-FDD8870_F085_13 Datasheet
319Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 160A, 3.9m廓
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com