Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN5632N_F085 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FDN5632N_F085
Description  N-Channel Logic Level PowerTrench짰 MOSFET 60V, 1.6A, 98m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN5632N_F085 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FDN5632N_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDN5632N_F085 Rev. A (W)
www.fairchildsemi.com
2
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
60
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current Continuous (VGS = 10V)
1.7
A
Pulsed
10
PD
Power Dissipation
1.1
W
TJ, TSTG Operating and Storage Temperature
-55 to +150
oC
RθJC
Thermal Resistance Junction to Case
75
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252, 1in2 copper pad area
111
oC/W
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
5632
FDN5632N_F085
SSOT3
7”
8mm
3000 units
Electrical Characteristics T
A = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
60
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 48V,
-
-
1
µA
VGS = 0V
TA = 125
oC
-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA1
2.0
3
V
rDS(on)
Drain to Source On Resistance
ID = 1.7A, VGS= 10V
-
57
82
m
ID = 1.6A, VGS= 6V
-
62
88
ID = 1.6A, VGS= 4.5V
70
98
ID = 1.7A, VGS= 10V,
TA = 150
oC
-107
135
Ciss
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1MHz
-
475
-
pF
Coss
Output Capacitance
-
60
-
pF
Crss
Reverse Transfer Capacitance
-
30
-
pF
RG
Gate Resistance
f = 1MHz
-
1.4
-
Qg(TOT)
Total Gate Charge at 10V
VGS = 0 to 10V
VDD = 20V
ID = 1.7A
-
9.2
12
nC
Qgs
Gate to Source Gate Charge
-1.5
-
nC
Qgd
Gate to Drain “Miller“ Charge
-
1.4
-
nC


Numéro de pièce similaire - FDN5632N_F085

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDN5632N-F085 ONSEMI-FDN5632N-F085 Datasheet
581Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60 V, 1.6 A, 98 m廓
September-2017, Rev. 2
More results

Description similaire - FDN5632N_F085

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC5661N FAIRCHILD-FDC5661N Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 4A, 60m廓
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0_11 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 36A, 24m廓
logo
ON Semiconductor
FDMS9408L-F085 ONSEMI-FDMS9408L-F085 Datasheet
566Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8832 FAIRCHILD-FDB8832_10 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.1m廓
FDC5661N_F085 FAIRCHILD-FDC5661N_F085 Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD9407L-F085 ONSEMI-FDD9407L-F085 Datasheet
545Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
FDMS9411L-F085 ONSEMI-FDMS9411L-F085 Datasheet
466Kb / 6P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8860 FAIRCHILD-FDB8860_08 Datasheet
343Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8832_F085 FAIRCHILD-FDB8832_F085 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8860_F085 FAIRCHILD-FDB8860_F085 Datasheet
158Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com