Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN5632N_F085 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FDN5632N_F085
Description  N-Channel Logic Level PowerTrench짰 MOSFET 60V, 1.6A, 98m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN5632N_F085 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FDN5632N_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FDN5632N_F085 Rev. A (W)
www.fairchildsemi.com
5
Figure 5.
0.01
0.1
1
10
100 300
0.001
0.01
0.1
1
10
30
1s
100ms
100us
1ms
10ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(on)
SINGLE PULSE
TJ = MAX RATED
TA = 25
oC
DC
Forward Bias Safe Operating Area
Figure 6.
01
23
4
5
0
3
6
9
12
TJ = -55
oC
TJ = 25
oC
TJ = 150
oC
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
VDD = 5V
VGS, GATE TO SOURCE VOLTAGE (V)
Transfer Characteristics
Figure 7.
01
23
4
0
3
6
9
12
VGS = 4V
VGS = 10V
VGS = 6V
VGS = 3.5V
VGS = 4.5V
VGS = 5V
VGS = 3V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
VDS, DRAIN TO SOURCE VOLTAGE (V)
Saturation Characteristics
Figure 8. Drain to Source On-Resistance
24
68
10
0
50
100
150
200
ID = 1.7A
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
VGS, GATE TO SOURCE VOLTAGE (V)
TJ = 25
oC
TJ = 150
oC
Variation vs Gate to Source Voltage
Figure 9. Normalized Drain to Source On
-80
-40
0
40
80
120
160
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
ID = 1.7A
VGS = 10V
TJ, JUNCTION TEMPERATURE(
oC)
Resistance vs Junction Temperature
Figure 10. Normalized Gate Threshold
Voltage vs
-80
-40
0
40
80
120
160
0.4
0.6
0.8
1.0
1.2
1.4
VGS = VDS
ID = 250µA
TJ, JUNCTION TEMPERATURE(
oC)
Junction Temperature
Typical Characteristics


Numéro de pièce similaire - FDN5632N_F085

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDN5632N-F085 ONSEMI-FDN5632N-F085 Datasheet
581Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60 V, 1.6 A, 98 m廓
September-2017, Rev. 2
More results

Description similaire - FDN5632N_F085

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC5661N FAIRCHILD-FDC5661N Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 4A, 60m廓
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0_11 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 36A, 24m廓
logo
ON Semiconductor
FDMS9408L-F085 ONSEMI-FDMS9408L-F085 Datasheet
566Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8832 FAIRCHILD-FDB8832_10 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.1m廓
FDC5661N_F085 FAIRCHILD-FDC5661N_F085 Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD9407L-F085 ONSEMI-FDD9407L-F085 Datasheet
545Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
FDMS9411L-F085 ONSEMI-FDMS9411L-F085 Datasheet
466Kb / 6P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8860 FAIRCHILD-FDB8860_08 Datasheet
343Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8832_F085 FAIRCHILD-FDB8832_F085 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8860_F085 FAIRCHILD-FDB8860_F085 Datasheet
158Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com