Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN5632N_F085 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDN5632N_F085
Description  N-Channel Logic Level PowerTrench짰 MOSFET 60V, 1.6A, 98m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN5632N_F085 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDN5632N_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDN5632N_F085 Rev. A (W)
www.fairchildsemi.com
4
Typical Characteristics
Figure 1. Normalized Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TA, AMBIENT TEMPERATURE(oC)
Figure 2. Maximum Continuous Drain Current vs
Ambient Temperature
25
50
75
100
125
150
0
1
2
3
RθJA = 111
o
C/W
VGS = 4.5V
VGS = 10V
TA, AMBIENT TEMPERATURE(oC)
CURRENT LIMITED
BY PACKAGE
Figure 3.
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
0.01
0.1
1
SINGLE PULSE
RθJA = 111
oC / W
D = 0.50
0.20
0.10
0.05
0.02
0.01
t, RECTANGULAR PULSE DURATION(s)
DUTY CYCLE - DESCENDING ORDER
2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
PDM
t1
t2
Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
10
-3
10
-2
10
-1
110
10
2
10
3
10
4
1
10
100
SINGLE PULSE
RθJA = 111
oC / W
V
GS = 10V
t, RECTANGULAR PULSE DURATION(s)
TC = 25
oC
I = I25
150 - TC
125
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:


Numéro de pièce similaire - FDN5632N_F085

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDN5632N-F085 ONSEMI-FDN5632N-F085 Datasheet
581Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60 V, 1.6 A, 98 m廓
September-2017, Rev. 2
More results

Description similaire - FDN5632N_F085

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC5661N FAIRCHILD-FDC5661N Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 4A, 60m廓
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0_11 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 36A, 24m廓
logo
ON Semiconductor
FDMS9408L-F085 ONSEMI-FDMS9408L-F085 Datasheet
566Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8832 FAIRCHILD-FDB8832_10 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.1m廓
FDC5661N_F085 FAIRCHILD-FDC5661N_F085 Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD9407L-F085 ONSEMI-FDD9407L-F085 Datasheet
545Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
FDMS9411L-F085 ONSEMI-FDMS9411L-F085 Datasheet
466Kb / 6P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8860 FAIRCHILD-FDB8860_08 Datasheet
343Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8832_F085 FAIRCHILD-FDB8832_F085 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8860_F085 FAIRCHILD-FDB8860_F085 Datasheet
158Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com