Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN5632N_F085 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FDN5632N_F085
Description  N-Channel Logic Level PowerTrench짰 MOSFET 60V, 1.6A, 98m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN5632N_F085 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FDN5632N_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDN5632N_F085 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDN5632N_F085 Rev. A (W)
www.fairchildsemi.com
3
Electrical Characteristics T
A = 25
oC unless otherwise noted
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ton
Turn-On Time
VDD = 30V, ID = 1.0A
VGS = 10V, RGEN = 6Ω
-
-
30
ns
td(on)
Turn-On Delay Time
-
15
-
ns
tr
Rise Time
-
1.7
-
ns
td(off)
Turn-Off Delay Time
-
5.2
-
ns
tf
Fall Time
-
1.3
-
ns
toff
Turn-Off Time
-
-
12.9
ns
VSD
Source to Drain Diode Voltage
ISD = 1.7A
-
0.8
1.25
V
ISD = 0.85A
-
0.8
1.0
trr
Reverse Recovery Time
ISD = 1.7A, dISD/dt = 100A/µs
-
16.0
21
ns
Qrr
Reverse Recovery Charge
-
7.9
10.3
nC
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For
a copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems
certification.


Numéro de pièce similaire - FDN5632N_F085

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDN5632N-F085 ONSEMI-FDN5632N-F085 Datasheet
581Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60 V, 1.6 A, 98 m廓
September-2017, Rev. 2
More results

Description similaire - FDN5632N_F085

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC5661N FAIRCHILD-FDC5661N Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 4A, 60m廓
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0_11 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 36A, 24m廓
logo
ON Semiconductor
FDMS9408L-F085 ONSEMI-FDMS9408L-F085 Datasheet
566Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8832 FAIRCHILD-FDB8832_10 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.1m廓
FDC5661N_F085 FAIRCHILD-FDC5661N_F085 Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD9407L-F085 ONSEMI-FDD9407L-F085 Datasheet
545Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
FDMS9411L-F085 ONSEMI-FDMS9411L-F085 Datasheet
466Kb / 6P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8860 FAIRCHILD-FDB8860_08 Datasheet
343Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8832_F085 FAIRCHILD-FDB8832_F085 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8860_F085 FAIRCHILD-FDB8860_F085 Datasheet
158Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com