Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSBS15CH60F Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce FSBS15CH60F
Description  Smart Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBS15CH60F Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button FSBS15CH60F Datasheet HTML 4Page - Fairchild Semiconductor FSBS15CH60F Datasheet HTML 5Page - Fairchild Semiconductor FSBS15CH60F Datasheet HTML 6Page - Fairchild Semiconductor FSBS15CH60F Datasheet HTML 7Page - Fairchild Semiconductor FSBS15CH60F Datasheet HTML 8Page - Fairchild Semiconductor FSBS15CH60F Datasheet HTML 9Page - Fairchild Semiconductor FSBS15CH60F Datasheet HTML 10Page - Fairchild Semiconductor FSBS15CH60F Datasheet HTML 11Page - Fairchild Semiconductor FSBS15CH60F Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
www.fairchildsemi.com
FSBS15CH60F Rev. D
Mechanical Characteristics and Ratings
Figure 5. Flatness Measurement Position
Parameter
Conditions
Limits
Units
Min.
Typ.
Max.
Mounting Torque
Mounting Screw: - M3
Recommended 0.62N•m
0.51
0.62
0.72
N•m
Device Flatness
Note Figure 5
0
-
+120
µm
Weight
-
15.4
-
g
( + )
( + )
( + )
( + )


Numéro de pièce similaire - FSBS15CH60F

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSBS15CH60 FAIRCHILD-FSBS15CH60 Datasheet
555Kb / 16P
   Smart Power Module
logo
List of Unclassifed Man...
FSBS15CH60L ETC2-FSBS15CH60L Datasheet
559Kb / 16P
   UL Certified No.E209204(SPM27-BA package)
More results

Description similaire - FSBS15CH60F

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com