Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDZ1905PZ Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FDZ1905PZ
Description  Common Drain P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET -20V -3A, 123m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ1905PZ Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FDZ1905PZ Datasheet HTML 1Page - Fairchild Semiconductor FDZ1905PZ Datasheet HTML 2Page - Fairchild Semiconductor FDZ1905PZ Datasheet HTML 3Page - Fairchild Semiconductor FDZ1905PZ Datasheet HTML 4Page - Fairchild Semiconductor FDZ1905PZ Datasheet HTML 5Page - Fairchild Semiconductor FDZ1905PZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDZ1905PZ Rev.B
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
IS1S2
Zero Gate Voltage Source1 to Source2
Current
VS1S2 = –16V, VGS = 0V
–1
µA
IGSS
Gate Body Leakage Current
VGS = ±8V, VS1S2 = 0V
±10
uA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VS1S2, IS1S2 = -250µA
–0.4
–0.7
–1.0
V
rS1S2(on)
Static Source1 to Source2 On Resistance
VGS = –4.5V, IS1S2 = –1A
99
126
m
VGS = –2.5V, IS1S2 = –1A
112
141
VGS = –1.8V, IS1S2 = –1A
132
198
VGS = –1.5V, IS1S2 = –1A
164
303
VGS = –4.5V, IS1S2 = –1A,
TJ = 125°C
135
195
gFS
Forward Transconductance
VS1S2 = –5V, IS1S2 = –1A
8
S
(Note 2)
Switching Characteristics
td(on)
Turn-On Delay Time
VS1S2 = –10V, IS1S2 = –1A
VGS = –4.5V, RGEN = 6Ω
12
22
ns
tr
Rise Time
36
58
ns
td(off)
Turn-Off Delay Time
143
229
ns
tf
Fall Time
182
291
ns
(Note 2)
Notes:
1. RθJA is determined with the device mounted on a 1in
2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθCA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 300ms, Duty cycle < 2.0%.
3. The diode connected between the gate and source serves only protection against ESD. No gate overvoltage rating is implied.
a. 83°C/W when mounted on a
1 in2 pad of 2 oz copper
b.140°C/W when mounted on a
minimum pad of 2 oz copper


Numéro de pièce similaire - FDZ1905PZ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDZ191P FAIRCHILD-FDZ191P Datasheet
304Kb / 7P
   P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET
FDZ191P FAIRCHILD-FDZ191P Datasheet
352Kb / 7P
   P-Channel 1.5V PowerTrenchTM WL-CSP MOSFET
FDZ191P_0612 FAIRCHILD-FDZ191P_0612 Datasheet
304Kb / 7P
   P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET
FDZ192NZ FAIRCHILD-FDZ192NZ Datasheet
309Kb / 7P
   N-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET 20 V, 5.3 A, 39 m廓
FDZ193P FAIRCHILD-FDZ193P Datasheet
260Kb / 7P
   P-Channel 1.7V PowerTrench WL-CSP MOSFET -20V, -1A, 90mohm
More results

Description similaire - FDZ1905PZ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDZ191P_0612 FAIRCHILD-FDZ191P_0612 Datasheet
304Kb / 7P
   P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET
FDZ191P FAIRCHILD-FDZ191P Datasheet
352Kb / 7P
   P-Channel 1.5V PowerTrenchTM WL-CSP MOSFET
FDZ391P FAIRCHILD-FDZ391P Datasheet
256Kb / 7P
   P-Channel 1.5 V PowerTrench짰 Thin WL-CSP MOSFET
FDZ1323NZ FAIRCHILD-FDZ1323NZ Datasheet
363Kb / 7P
   Common Drain N-Channel 2.5 V PowerTrench WL-CSP MOSFET
FDZ193P FAIRCHILD-FDZ193P Datasheet
260Kb / 7P
   P-Channel 1.7V PowerTrench WL-CSP MOSFET -20V, -1A, 90mohm
FDMC3300NZA FAIRCHILD-FDMC3300NZA_07 Datasheet
244Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 8A, 26m廓
FDM3300NZ FAIRCHILD-FDM3300NZ_07 Datasheet
237Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 10A, 23m廓
FDG332PZ FAIRCHILD-FDG332PZ Datasheet
458Kb / 6P
   P-Channel PowerTrench짰 MOSFET -20V, -2.6A, 97m廓
FDC642P FAIRCHILD-FDC642P_09 Datasheet
263Kb / 7P
   P-Channel PowerTrench짰 MOSFET -20V, -4A, 100m廓
FDMA510PZ FAIRCHILD-FDMA510PZ Datasheet
752Kb / 7P
   Single P-Channel PowerTrench짰 MOSFET -20V, -7.8A, 30m廓
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com