Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD5N50 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDD5N50
Description  N-Channel MOSFET 500V, 4A, 1.4廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5N50 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDD5N50 Datasheet HTML 1Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 2Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 3Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 4Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 5Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 6Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 7Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDD5N50 Rev. A
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Transient Thermal Response Curve
-75
-25
25
75
125
175
0.8
0.9
1.0
1.1
1.2
*Notes:
1. VGS = 0V
2. ID = 250µA
TJ, Junction Temperature [
o
C]
-75
-25
25
75
125
175
0.0
0.5
1.0
1.5
2.0
2.5
3.0
*Notes:
1. VGS = 10V
2. ID = 2A
TJ, Junction Temperature [
o
C]
110
100
0.01
0.1
1
10
800
30
30µs
100µs
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
o
C
2. TJ = 150
o
C
3. Single Pulse
DC
25
50
75
100
125
150
0
1
2
3
4
TC, Case Temperature [
o
C]
4.5
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
0.01
0.1
1
0.01
0.1
0.2
0.05
0.02
*Notes:
1. ZθJC(t) = 1.4
o
C/W Max.
2. Duty Factor, D= t1/t2
3. TJM - TC = PDM * ZθJC(t)
0.5
Single pulse
Rectangular Pulse Duration [sec]
3
t1
PDM
t2


Numéro de pièce similaire - FDD5N50

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
FDD5N50 ISC-FDD5N50 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3.5A, 1.55廓
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
758Kb / 8P
   N-Channel MOSFET, FRFET
logo
Inchange Semiconductor ...
FDD5N50F ISC-FDD5N50F Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5N50FTM FAIRCHILD-FDD5N50FTM Datasheet
758Kb / 8P
   N-Channel MOSFET, FRFET
More results

Description similaire - FDD5N50

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDP5N50 FAIRCHILD-FDP5N50 Datasheet
265Kb / 10P
   N-Channel MOSFET 500V, 5A, 1.4廓
FDP5N50U FAIRCHILD-FDP5N50U_12 Datasheet
392Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4A, 2.0廓
logo
Unisonic Technologies
4N50_1109 UTC-4N50_1109 Datasheet
183Kb / 6P
   4A, 500V N-CHANNEL POWER MOSFET
logo
Rectron Semiconductor
RM4N500LD RECTRON-RM4N500LD Datasheet
390Kb / 6P
   4A,500V N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDD5N50NZ FAIRCHILD-FDD5N50NZ Datasheet
519Kb / 8P
   N-Channel MOSFET 500V, 4A, 1.5?
logo
MagnaChip Semiconductor...
MDP5N50B MGCHIP-MDP5N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDF5N50 MGCHIP-MDF5N50 Datasheet
1,012Kb / 6P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDD5N50 MGCHIP-MDD5N50 Datasheet
971Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDIS5N50 MGCHIP-MDIS5N50 Datasheet
966Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDP5N50 MGCHIP-MDP5N50 Datasheet
981Kb / 6P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com