Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS8878 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDS8878
Description  N-Channel PowerTrench짰 MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8878 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDS8878 Datasheet HTML 1Page - Fairchild Semiconductor FDS8878 Datasheet HTML 2Page - Fairchild Semiconductor FDS8878 Datasheet HTML 3Page - Fairchild Semiconductor FDS8878 Datasheet HTML 4Page - Fairchild Semiconductor FDS8878 Datasheet HTML 5Page - Fairchild Semiconductor FDS8878 Datasheet HTML 6Page - Fairchild Semiconductor FDS8878 Datasheet HTML 7Page - Fairchild Semiconductor FDS8878 Datasheet HTML 8Page - Fairchild Semiconductor FDS8878 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2007 Fairchild Semiconductor Corporation
FDS8878 Rev. B
www.fairchildsemi.com
4
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1.
TA, AMBIENT TEMPERATURE (oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
Normalized Power Dissipation vs
Ambient Temperature
Figure 2.
TA, AMBIENT TEMPERATURE (oC)
RθJA=50oC/W
VGS = 10V
VGS = 4.5V
0
3
6
9
12
25
50
75
100
125
150
Maximum Continuous Drain Current vs
Ambient Temperature
Figure 3.
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
0.001
0.01
0.1
1
SINGLE PULSE
R
θJA = 125
oC/W
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (s)
D = 0.5
0.2
0.1
0.05
0.02
0.01
2
Normalized Maximum Transient Thermal Impedance
Figure 4.
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
1
10
100
1000
V
GS = 10V
SINGLE PULSE
RθJA = 125
oC/W
T
A = 25
oC
t, PULSE WIDTH (s)
0.5
Single Pulse Maximum Power Dissipation


Numéro de pièce similaire - FDS8878

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS8878 FAIRCHILD-FDS8878 Datasheet
634Kb / 12P
   N-Channel PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDS8878 UMW-FDS8878 Datasheet
598Kb / 9P
   30V N-Channel MOSFET
logo
Fairchild Semiconductor
FDS8878_NL FAIRCHILD-FDS8878_NL Datasheet
634Kb / 12P
   N-Channel PowerTrench MOSFET
More results

Description similaire - FDS8878

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com