Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP80NF03L-04-1 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STP80NF03L-04-1
Description  N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80NF03L-04-1 Fiches technique(HTML) 1 Page - STMicroelectronics

  STP80NF03L-04-1 Datasheet HTML 1Page - STMicroelectronics STP80NF03L-04-1 Datasheet HTML 2Page - STMicroelectronics STP80NF03L-04-1 Datasheet HTML 3Page - STMicroelectronics STP80NF03L-04-1 Datasheet HTML 4Page - STMicroelectronics STP80NF03L-04-1 Datasheet HTML 5Page - STMicroelectronics STP80NF03L-04-1 Datasheet HTML 6Page - STMicroelectronics STP80NF03L-04-1 Datasheet HTML 7Page - STMicroelectronics STP80NF03L-04-1 Datasheet HTML 8Page - STMicroelectronics STP80NF03L-04-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
February 2003
.
STP80NF03L-04
STB80NF03L-04 STB80NF03L-04-1
N-CHANNEL 30V - 0.0035
Ω - 80A D2PAK/I2PAK/TO-220
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.0035Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
LOW THRESHOLD DRIVE
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™" strip-
based process. The resulting transistor shows extremely
high packing density for low on-resistance, rugged
avalanche characteristics and less critical alignment
steps
therefore
a
remarkable
manufacturing
reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC & DC-AC CONVERTERS
s
AUTOMOTIVE ENVIRONMENT (INJECTION,
ABS, AIR-BAG, LAMPDRIVERS, Etc.)
TYPE
VDSS
RDS(on)
ID
STB80NF03L-04/-1
STP80NF03L-04
30 V
30 V
<0.004
<0.004
80 A
80 A
1
2
3
1
3
1
2
3
TO-220
D2PAK
TO-263
I2PAK
TO-262
INTERNAL SCHEMATIC DIAGRAM
Ordering Information
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
(**) Current Limited by Package
(1) ISD ≤80A, di/dt ≤240A/µs, VDD ≤ 24V, Tj ≤ TJMAX
(2) Starting Tj = 25 oC, ID = 40A, VDD = 20V
SALES TYPE
MARKING
PACKAGE
PACKAGING
STB80NF03L-04
80NF03L-04 @
D2PAK
TUBE
STB80NF03L-04T4
80NF03L-04 @
D2PAK
TAPE & REEL
STP80NF03L-04
80NF03L-04 @
TO-220
TUBE
STB80NF03L-04-1
80NF03L-04 @
I2PAK
TUBE
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
± 20
V
ID(**)
Drain Current (continuous) at TC = 25°C
80
A
ID(**)
Drain Current (continuous) at TC = 100°C
80
A
IDM(•)
Drain Current (pulsed)
320
A
Ptot
Total Dissipation at TC = 25°C
300
W
Derating Factor
2
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
2
V/ns
EAS (2)
Single Pulse Avalanche Energy
2.3
J
Tstg
Storage Temperature
-60 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C


Numéro de pièce similaire - STP80NF03L-04-1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04 Datasheet
49Kb / 6P
   N-CHANNEL 30V - 0.0034 ohm - 80A TO-220 STripFET POWER MOSFET
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04 Datasheet
363Kb / 11P
   N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04_03 Datasheet
363Kb / 11P
   N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
More results

Description similaire - STP80NF03L-04-1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04_03 Datasheet
363Kb / 11P
   N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06 Datasheet
533Kb / 7P
   N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
STP80NF75L STMICROELECTRONICS-STP80NF75L Datasheet
368Kb / 11P
   N-CHANNEL 75V - 0.008 ohm - 80A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
STB60NF10 STMICROELECTRONICS-STB60NF10_06 Datasheet
370Kb / 15P
   N-channel 100V - 0.019廓 - 80A - TO-220 - D2PAK - I2PAK STripFET??II Power MOSFET
STB140NF55 STMICROELECTRONICS-STB140NF55_07 Datasheet
483Kb / 15P
   N-channel 55V - 0.0065廓 - 80A - D2PAK - I2PAK - TO-220 STripFET??II Power MOSFET
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06 Datasheet
295Kb / 9P
   N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET??POWER MOSFET
STP80NF55-08 STMICROELECTRONICS-STP80NF55-08 Datasheet
353Kb / 11P
   N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06_06 Datasheet
449Kb / 17P
   N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
STB141NF55 STMICROELECTRONICS-STB141NF55 Datasheet
358Kb / 15P
   N-channel 55V - 0.0065廓 - 80A - D2PAK - I2PAK - TO-220 STripFET??II Power MOSFET
STB55NF03L-1 STMICROELECTRONICS-STB55NF03L-1 Datasheet
338Kb / 11P
   N-CHANNEL 30V - 0.01 W - 55A TO-220/D2PAK/I2PAK STripFET II POWER MOSFET
March 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com