Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A45XX Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS7A45XX
Description  LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS7A45XX Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS7A45XX Datasheet HTML 4Page - Texas Instruments TPS7A45XX Datasheet HTML 5Page - Texas Instruments TPS7A45XX Datasheet HTML 6Page - Texas Instruments TPS7A45XX Datasheet HTML 7Page - Texas Instruments TPS7A45XX Datasheet HTML 8Page - Texas Instruments TPS7A45XX Datasheet HTML 9Page - Texas Instruments TPS7A45XX Datasheet HTML 10Page - Texas Instruments TPS7A45XX Datasheet HTML 11Page - Texas Instruments TPS7A45XX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
Input Voltage – V
TJ = 25°C
VSHDN = VIN
VOUT Adjustable
VOUT = 1.21 V
IOUT = 1.5 A
IOUT = 1 A
IOUT = 0.5 A
TPS7A4501
0
2
4
6
8
10
0
1
2
3
4
5
6
7
8
9
10
Input Voltage – V
TJ = 25°C
VSHDN = VIN
VOUT Adjustable
VOUT = 1.21 V
IOUT = 300 mA
IOUT = 100 mA
IOUT = 10 mA
TPS7A4501
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
7
8
9
10
Input Voltage – V
TJ = 25°C
VSHDN = VIN
VOUT Fixed 3.3 V
IOUT = 300 mA
IOUT = 100 mA
IOUT = 10 mA
TPS7A4533
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
9
10
Input Voltage – V
TJ = 25°C
VSHDN = VIN
VOUT Fixed 3.3 V
IOUT = 1.5 A
IOUT = 1 A
IOUT = 0.5 A
TPS7A4533
TPS7A45xx
SLVS720A – JUNE 2008 – REVISED AUGUST 2008 ........................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
GROUND CURRENT
GROUND CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 9.
Figure 10.
GROUND CURRENT
GROUND CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS7A45xx


Numéro de pièce similaire - TPS7A45XX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI1-TPS7A45XX Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A45xxyyyz TI-TPS7A45xxyyyz Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX_09 Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
More results

Description similaire - TPS7A45XX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A4515 TI-TPS7A4515 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX_09 Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A4501 TI-TPS7A4501_15 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101QPWPRQ1 TI1-TPS75101QPWPRQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com