Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AVC2T245RSWR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AVC2T245RSWR
Description  DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC2T245RSWR Fiches technique(HTML) 4 Page - Texas Instruments

  SN74AVC2T245RSWR Datasheet HTML 1Page - Texas Instruments SN74AVC2T245RSWR Datasheet HTML 2Page - Texas Instruments SN74AVC2T245RSWR Datasheet HTML 3Page - Texas Instruments SN74AVC2T245RSWR Datasheet HTML 4Page - Texas Instruments SN74AVC2T245RSWR Datasheet HTML 5Page - Texas Instruments SN74AVC2T245RSWR Datasheet HTML 6Page - Texas Instruments SN74AVC2T245RSWR Datasheet HTML 7Page - Texas Instruments SN74AVC2T245RSWR Datasheet HTML 8Page - Texas Instruments SN74AVC2T245RSWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RECOMMENDED OPERATING CONDITIONS
(1) (2) (3)
SN74AVC2T245
SCES692 – JUNE 2008...................................................................................................................................................................................................... www.ti.com
VCCI
VCCO
MIN
MAX
UNIT
VCCA
Supply voltage
1.2
3.6
V
VCCB
Supply voltage
1.2
3.6
V
1.2 V to 1.95 V
VCCI × 0.65
High-level
VIH
Data inputs(4)
1.95 V to 2.7 V
1.6
V
input voltage
2.7 V to 3.6 V
2
1.2 V to 1.95 V
VCCI × 0.35
Low-level
VIL
Data inputs(4)
1.95 V to 2.7 V
0.7
V
input voltage
2.7 V to 3.6 V
0.8
1.2 V to 1.95 V
VCCA × 0.65
High-level
DIR
VIH
1.95 V to 2.7 V
1.6
V
input voltage
(referenced to VCCA)
(5)
2.7 V to 3.6 V
2
1.2 V to 1.95 V
VCCA × 0.35
Low-level
DIR
VIL
1.95 V to 2.7 V
0.7
V
input voltage
(referenced to VCCA)
(5)
2.7 V to 3.6 V
0.8
VI
Input voltage
0
3.6
V
Active state
0
VCCO
VO
Output voltage
V
3-state
0
3.6
1.1 V to 1.2 V
–3
1.4 V to 1.6 V
–6
IOH
High-level output current
1.65 V to 1.95 V
–8
mA
2.3 V to 2.7 V
–9
3 V to 3.6 V
–12
1.1 V to 1.2 V
3
1.4 V to 1.6 V
6
IOL
Low-level output current
1.65 V to 1.95 V
8
mA
2.3 V to 2.7 V
9
3 V to 3.6 V
12
Δt/Δv
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
VCCI is the VCC associated with the input port.
(2)
VCCO is the VCC associated with the output port.
(3)
All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(4)
For VCCI values not specified in the data sheet, VIH min = VCCI × 0.7 V, VIL max = VCCI × 0.3 V
(5)
For VCCI values not specified in the data sheet, VIH min = VCCA × 0.7 V, VIL max = VCCA × 0.3 V
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN74AVC2T245


Numéro de pièce similaire - SN74AVC2T245RSWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC2T245RSWR TI-SN74AVC2T245RSWR Datasheet
514Kb / 15P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245RSWR TI-SN74AVC2T245RSWR Datasheet
496Kb / 15P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Description similaire - SN74AVC2T245RSWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45-Q1 TI1-SN74AVC2T45-Q1 Datasheet
665Kb / 21P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_07 Datasheet
491Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45 Datasheet
427Kb / 22P
[Old version datasheet]   DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_08 Datasheet
628Kb / 26P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245_10 Datasheet
496Kb / 15P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com