Moteur de recherche de fiches techniques de composants électroniques |
|
IRF6720S2TR1PBF Fiches technique(PDF) 3 Page - International Rectifier |
|
IRF6720S2TR1PBF Fiches technique(HTML) 3 Page - International Rectifier |
3 / 10 page IRF6720S2TR/TR1PbF www.irf.com 3 Fig 3. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient Surface mounted on 1 in. square Cu board, steady state. T C measured with thermocouple incontact with top (Drain) of part. Used double sided cooling, mounting pad with large heatsink. Notes: Mounted on minimum footprint full size board with metalized back and with small clip heatsink. Rθ is measured at TJ of approximately 90°C. Surface mounted on 1 in. square Cu board (still air). Mounted on minimum footprint full size board with metalized back and with small clip heatsink. (still air) 1E-006 1E-005 0.0001 0.001 0.01 0.1 1 10 100 1000 t1 , Rectangular Pulse Duration (sec) 0.01 0.1 1 10 100 0.20 0.10 D = 0.50 0.02 0.01 0.05 SINGLE PULSE ( THERMAL RESPONSE ) Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthja + Tc τ J τ J τ 1 τ 1 τ 2 τ 2 τ 3 τ 3 R 1 R 1 R 2 R 2 R 3 R 3 Ci= τi/Ri Ci= τi/Ri τ 4 τ 4 R 4 R 4 τ A τ A τ 5 τ 5 R 5 R 5 Ri (°C/W) τi (sec) 2.676 0.00017 9.578 0.007941 34.880 0.52375 22.105 4.978 16.766 84 Absolute Maximum Ratings Parameter Units PD @TA = 25°C Power Dissipation e W PD @TA = 70°C Power Dissipation e PD @TC = 25°C Power Dissipation f TP Peak Soldering Temperature °C TJ Operating Junction and TSTG Storage Temperature Range Thermal Resistance Parameter Typ. Max. Units RθJA Junction-to-Ambient el ––– 86 RθJA Junction-to-Ambient jl 12.5 ––– RθJA Junction-to-Ambient kl 20 ––– °C/W RθJC Junction-to-Case fl ––– 8.6 RθJ-PCB Junction-to-PCB Mounted 1.0 ––– Linear Derating Factor eà W/°C 0.012 270 -55 to + 175 Max. 17 1.7 1.2 |
Numéro de pièce similaire - IRF6720S2TR1PBF |
|
Description similaire - IRF6720S2TR1PBF |